Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320ML101RPI Datasheet(PDF) 19 Page - SPANSION

Part # AM29LV320ML101RPI
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV320ML101RPI Datasheet(HTML) 19 Page - SPANSION

Back Button AM29LV320ML101RPI Datasheet HTML 15Page - SPANSION AM29LV320ML101RPI Datasheet HTML 16Page - SPANSION AM29LV320ML101RPI Datasheet HTML 17Page - SPANSION AM29LV320ML101RPI Datasheet HTML 18Page - SPANSION AM29LV320ML101RPI Datasheet HTML 19Page - SPANSION AM29LV320ML101RPI Datasheet HTML 20Page - SPANSION AM29LV320ML101RPI Datasheet HTML 21Page - SPANSION AM29LV320ML101RPI Datasheet HTML 22Page - SPANSION AM29LV320ML101RPI Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
December 14, 2005
Am29LV320MH/L
17
DA TA SH EET
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting the first or last sector without
using V
ID. Write Protect is one of two functions pro-
vided by the WP#/ACC input.
If the system asserts V
IL on the WP#/ACC pin, the de-
vice disables program and erase functions in the first
or last sector independently of whether those sectors
were protected or unprotected using the method de-
scribed in “Sector Group Protection and Unprotection”.
Note that if WP#/ACC is at V
IL when the device is in
the standby mode, the maximum input load current is
increased. See the table in “DC Characteristics”.
If the system asserts V
IH on the WP#/ACC pin, the de-
vice reverts to whether the first or last sector was pre-
viously set to be protected or unprotected using the
method described in “Sector Group Protection and
Unprotection”. Note: No external pullup is necessary
since the WP#/ACC pin has internal pullup to V
CC.
Temporary Sector Group Unprotect
(Note: In this device, a sector group consists of four adjacent
sectors that are protected or unprotected at the same time
(see Table 4).
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting the RESET# pin to V
ID. During this mode, for-
merly protected sector groups can be programmed or
erased by selecting the sector group addresses. Once
V
ID is removed from the RESET# pin, all the previously
protected sector groups are protected again. Figure 1
shows the algorithm, and Figure 23 shows the timing
diagrams, for this feature.
Figure 1.
Temporary Sector Group
Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Group Unprotect
Completed (Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sector groups unprotected (If WP# = V
IL,
the first or last sector will remain protected).
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com