Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGY50NC60WD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGY50NC60WD
Description  N-channel 600V - 50A - Max247 Very fast PowerMESH IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGY50NC60WD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGY50NC60WD Datasheet HTML 3Page - STMicroelectronics STGY50NC60WD Datasheet HTML 4Page - STMicroelectronics STGY50NC60WD Datasheet HTML 5Page - STMicroelectronics STGY50NC60WD Datasheet HTML 6Page - STMicroelectronics STGY50NC60WD Datasheet HTML 7Page - STMicroelectronics STGY50NC60WD Datasheet HTML 8Page - STMicroelectronics STGY50NC60WD Datasheet HTML 9Page - STMicroelectronics STGY50NC60WD Datasheet HTML 10Page - STMicroelectronics STGY50NC60WD Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
STGY50NC60WD
8/11
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com