Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB070DS03 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LB070DS03
Description  1.5MHz SAW Filter 70MHz Bandwid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS03 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LB070DS03 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS03 Datasheet HTML 2Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB070DS03
Rev. Date
2005-9-21
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/2
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
1.5MHz SAW Filter
70MHz Bandwidth
Part Number: LB070DS03
Package Dimension
1
2
43
5
67
8
910
54
3
21
7
6
9
8
10
Intput:10
Output:5
Typical Performance
Frequency Respond
Passband Respond
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
-91.8865
-81.8865
-71.8865
-61.8865
-51.8865
-41.8865
-31.8865
-21.8865
-11.8865
69
69.2
69.4
69.6
69.8
70
70.2
70.4
70.6
70.8
71
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com