Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB070DS05 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB070DS05
Description  2.5MHz SAW Filter 70MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS05 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB070DS05 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS05 Datasheet HTML 2Page - SIPAT Co,Ltd LB070DS05 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB070DS05
Rev. Date
2005-9-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
2.5MHz SAW Filter
70MHz Bandwidth
Part Number: LB070DS05
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.88
70
70.12
Insertion Loss
dB
-
12.5
14
1 dB Bandwidth
MHz
2
2.05
-
3 dB Bandwidth
MHz
2.5
2.6
-
40 dB Bandwidth
MHz
-
4.67
5.5
Passband Variation
dB
-
0.5
1.0
Group Delay Variation(f0±0.7MHz)
nsec
-
150
400
Phase Linearity (f0±0.7MHz)
deg
12
-
Absolute Delay
usec
-
1.37
-
Ultimate Rejection
dB
40
45
-
Material Temperature coefficient
KHz/°C
-1.26
Ambient Temperature
°C
25
Package Size
SMP-53A
(13.3x6.5mm Nominal Footprint)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=120nH L2=100nH
L3=68nH
L4=120nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LB070DS05

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
346Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
More results

Similar Description - LB070DS05

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
70MHz SAW Filter 25MHz Bandwidth
LBS12202 SIPAT-LBS12202 Datasheet
138Kb / 3P
122.75MHz SAW Filter 2.5MHz Bandwidth
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
106.5MHz SAW Filter 2.5MHz Bandwidth
LB070DS05 SIPAT-LB070DS05 Datasheet
346Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBS10712 SIPAT-LBS10712 Datasheet
322Kb / 3P
106.5MHz SAW Filter 2.5MHz Bandwidth
LBS12202 SIPAT-LBS12202 Datasheet
144Kb / 3P
122.75MHz SAW Filter 2.5MHz Bandwidth
LBS16604 SIPAT-LBS16604 Datasheet
256Kb / 3P
166.35MHz SAW Filter 2.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com