Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U8C3005L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U8C3005L-S16-R
Description  8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8C3005L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U8C3005L-S16-R Datasheet HTML 1Page - Unisonic Technologies U8C3005L-S16-R Datasheet HTML 2Page - Unisonic Technologies U8C3005L-S16-R Datasheet HTML 3Page - Unisonic Technologies U8C3005L-S16-R Datasheet HTML 4Page - Unisonic Technologies U8C3005L-S16-R Datasheet HTML 5Page - Unisonic Technologies U8C3005L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U8C3005
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R126-059.c
8 BIT SERIAL-IN
PARALLEL-OUT VALVE
DRIVER
DESCRIPTION
The U8C3005 is a 8-Bit Serial-In Parallel-Out driver with Error
Detection to the solenoid valve drive. The device incorporates shift
registers, data latches, and constant current circuitry on the silicon
CMOS chip. The maximum output current value of one channel is
Approximately limited to 50-85mA by Built-in constant current
source.
The range of power supply PVDD is 8V to 30V and the
Integrated internal 6V Regulator is used for low-voltage power
supply module communication. Moreover, PVDD can be also used
to absorb the inductive coil reverse-phase current with a built-in
reverse diode Between the output of each channel and PVDD in the
time of turn off.
Its built-in open/short detection circuits help users detect Load
state of the detection channels. System retrieve the error
messages to indicate which channel has failure by serial output
data.
FEATURES
* VDD range: PVDD 8V to 30V
* each channel current limit: 50mA
* Integrated internal 6V regulator
* Maximum clock frequency: 0.5MHz
* Built-in open/short detection
* Short protect
* Detecting response
* Internal reverse diode of PVDD to Absorb reverse current from coil
SOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U8C3005L-S16-R
U8C3005G-S16-R
SOP-16
Tape Reel


Similar Part No. - U8C3005L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U8C3005G-S16-R UTC-U8C3005G-S16-R Datasheet
186Kb / 6P
each channel current limit
More results

Similar Description - U8C3005L-S16-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
8-bit, serial IN, parallel OUT driver
BA829 ROHM-BA829 Datasheet
81Kb / 7P
8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
8-bit serial in, parallel out driver IC
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
8-Bit Serial-In, Parallel-Out Shift Register
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
8-bit Serial-in Parallel-out LED Driver IC
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com