Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U8C3005G-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U8C3005G-S16-R
Description  8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8C3005G-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U8C3005G-S16-R Datasheet HTML 1Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 2Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 3Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 4Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 5Page - Unisonic Technologies U8C3005G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
U8C3005
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R126-059.c
CIRCUIT DESCRIPTION
The U8C3005 is a 8-Bit Serial-In Parallel-Out driver for Solenoid valve. When OE in the falling edge, the data of
shift registers are written to the latch registers. The state of outputs Drain0 ~ Drain7 are controlled by the latch data
Q20 ~ Q27 and OE signal. when OE is low, if a channel corresponding data latch is 1, then the channel output is
turned on, the switch from the output terminal to ground
in the on state, if a channel corresponding data latch is
0,the switch from the output terminal to ground
are turned off,
In a high impedance state. When OE is high, the
eight outputs are turned off, In a high impedance state.
U8C3005’s constant current technology make the maximum output current limited to around 50-85mA, which can
effectively prevent the chip or peripheral devices from damaging caused by load short.
OPEN/SHORT DETECTION
The result of open/short detection of U8C3005 could be retrieved from serial-out (SDO) data. Once the load of a
channel in Open state or short state , the chip can be detected in time and quickly Shutdown the load shorted
channel which the chip from can over heating and external load. The test results stored to the shift register when
OE rising edge. It Can be removed from SDO end of the serial at SCLK action reading back to the controller.
The controller will read back the data before sending out now Control data for comparison, if exactly the same, it
means the load in good condition, no open short circuit, if a bit of data sent out is 1, 0 read back ,it indicates that the
corresponding channel bit data load short circuit occurs, if a bit of data to send out is 0, 1 read back, the table Shows
the bit data corresponding to the channel occurred Open load.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com