Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP6281 Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP6281
Description  12V MOSFET Drivers with Output Disable for Single Phase Synchronous-Rectified Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP6281 Datasheet(HTML) 5 Page - uPI Group Inc.

  UP6281 Datasheet HTML 1Page - uPI Group Inc. UP6281 Datasheet HTML 2Page - uPI Group Inc. UP6281 Datasheet HTML 3Page - uPI Group Inc. UP6281 Datasheet HTML 4Page - uPI Group Inc. UP6281 Datasheet HTML 5Page - uPI Group Inc. UP6281 Datasheet HTML 6Page - uPI Group Inc. UP6281 Datasheet HTML 7Page - uPI Group Inc. UP6281 Datasheet HTML 8Page - uPI Group Inc. UP6281 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
uPI Semiconductor Corp., http://www.upi-semi.com
Rev. F03, File Name: uP6281-DS-F0300
uP6281
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
p
n
I
M
W
P
d
l
o
h
s
e
r
h
T
h
g
i
H
t
u
p
n
IM
W
P
H
T
R
5
1
.
35
4
.
35
7
.
3V
d
l
o
h
s
e
r
h
T
w
o
L
t
u
p
n
IM
W
P
H
T
F
6
.
09
.
02
.
1V
e
g
a
tl
o
V
g
n
it
a
o
l
F
M
W
PM
W
P
T
L
F
-
-0
.
2-
-V
t
n
e
r
r
u
C
t
u
p
n
I
M
W
PI
M
W
P
V
0
=
M
W
P0
2
4
-0
8
2
-0
4
1
-A
u
V
5
=
M
W
P0
.
16
.
19
.
1A
m
#
D
O
t
u
p
n
I
e
l
b
a
s
i
D
t
u
p
t
u
O
h
g
i
H
t
u
p
n
I#
D
O
H
6
.
2-
--
-V
w
o
L
t
u
p
n
I#
D
O
L
-
--
-8
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
#
D
OI
#
D
O
V
5
o
t
V
0
=
#
D
O1
--
-1
A
u
e
m
i
T
y
a
l
e
D
n
o
it
a
g
o
p
o
r
P
T
#
D
O
H
D
P
-
-0
25
4s
n
T
#
D
O
L
D
P
-
-0
25
4s
n
r
e
v
i
r
D
e
d
i
S
h
g
i
H
g
n
i
c
r
u
o
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
C
R
S
_
H
V
T
O
O
B
V
-
E
S
A
H
P
I
,
V
2
1
=
E
T
A
G
U
A
m
0
8
-
=-
-2
.
14
.
2
Ω
g
n
i
k
n
i
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
K
N
S
_
H
V
T
O
O
B
V
-
E
S
A
H
P
I
,
V
2
1
=
E
T
A
G
U
A
m
0
8
=-
-8
.
06
.
1
Ω
e
m
i
T
g
n
i
s
i
R
t
u
p
t
u
OT
E
T
A
G
U
R
V
T
O
O
B
V
-
E
S
A
H
P
C
,
V
2
1
=
D
A
O
L
F
n
3
=-
-5
35
4s
n
e
m
i
T
g
n
il
l
a
F
t
u
p
t
u
OT
E
T
A
G
U
F
V
T
O
O
B
V
-
E
S
A
H
P
C
,
V
2
1
=
D
A
O
L
F
n
3
=-
-0
20
3s
n
e
m
i
T
y
a
l
e
D
n
o
it
a
g
o
p
o
r
P
T
E
T
A
G
U
H
D
P
V
T
O
O
B
V
-
E
S
A
H
P
V
2
1
=-
-0
45
6s
n
T
E
T
A
G
U
L
D
P
V
T
O
O
B
V
-
E
S
A
H
P
V
2
1
=-
-0
25
3s
n
r
e
v
i
r
D
e
d
i
S
w
o
L
g
n
i
c
r
u
o
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
C
R
S
_
L
V
C
C
I
,
V
2
1
=
E
T
A
G
L
A
m
0
8
-
=-
-2
.
14
.
2
Ω
g
n
i
k
n
i
S
,
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
OR
K
N
S
_
L
V
C
C
I
,
V
2
1
=
E
T
A
G
L
A
m
0
8
=-
-8
.
06
.
1
Ω
e
m
i
T
g
n
i
s
i
R
t
u
p
t
u
OT
E
T
A
G
L
R
V
C
C
C
,
V
2
1
=
D
A
O
L
F
n
3
=-
-5
35
4s
n
e
m
i
T
g
n
il
l
a
F
t
u
p
t
u
OT
E
T
A
G
L
F
V
C
C
C
,
V
2
1
=
D
A
O
L
F
n
3
=-
-0
20
3s
n
e
m
i
T
y
a
l
e
D
n
o
it
a
g
o
p
o
r
P
T
E
T
A
G
L
H
D
P
V
C
C
V
2
1
=-
-0
45
6s
n
T
E
T
A
G
L
L
D
P
V
C
C
V
2
1
=-
-0
25
3s
n
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com