Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX3TS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PX3TS
Description  Intelligent Rack Transfer Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PX3TS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PX3TS Datasheet HTML 1Page - List of Unclassifed Manufacturers PX3TS Datasheet HTML 2Page - List of Unclassifed Manufacturers PX3TS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V1180R4
© 2014 Raritan Inc. All rights reserved. Raritan®, Know more. Manage smarter.™ are registered trademarks or trademarks of Raritan Inc. or its wholly-owned subsidiaries. All others are registered
trademarks or trademarks of their respective owners.
*To qualify for advanced replacement under the standard warranty, you must register the product at raritan.com/support/product-warranty-registration
Specifications are subject to change without notice.
Raritan / 400 Cottontail Lane / Somerset, NJ 08873 / USA / Raritan.com
PX3TS Models and Configurations
Model
Chassis
Input Voltage
Plug Type
Output
Voltage
Outlet Type
(QTY)
Current
Circuit Breaker
(QTY)
10/100
Ethernet
PX3TS-1876CR
1U
200-240
(2) IEC C-20 (UL)
200-240
8 x C13
1 x C19
16
0
Yes
PX3TS-1876R
1U
200-240
(2) NEMA L6-20P
200-240
8 x C13
1 x C19
16
0
Yes
PX3TS-1875CR
1U
200-240
(2) IEC C-20 (CE)
200-240
8 x C13
1 x C19
16
0
Yes
PX3TS-1875R
1U
200-240
(2) IEC 60309 16A
200-240
8 x C13
1 x C19
16
0
Yes
PX3TS-1875A1R
1U
240
(2) Clipsal 56P320
240
8 x C13
1 x C19
20
0
Yes
PX3TS-1875A2R
1U
240
(2) Clipsal 56PA320
240
8 x C13
1 x C19
20
0
Yes
PX3TS-1147R
1U
120
(2) NEMA L5-20P
120
8 x NEMA 5-20R
16
0
Yes
PX3TS-1464R
2U
200-240
(2) NEMA L6-30P
200-240
16 x C13
4 x C19
24
2 x 20A 2-pole
Yes
PX3TS-1469R
2U
200-240
(2) IEC 60309 32A
200-240
16 x C13
4 x C19
32
2 x 16A 1-pole
Yes
PX3TS-1469A1R
2U
240
(2) Clipsal 56P332
240
16 x C13
4 x C19
32
2 x 16A 1-pole
Yes
PX3TS-1469A2R
2U
240
(2) Clipsal 56PA332
240
16 x C13
4 x C19
32
2 x 16A 1-pole
Yes
Call 1.800.724.8090 or visit raritan.com/transfer-switch
Front
Rear
AC Waveform for Last Transfer
PX iPDU Dashboard



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com