Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-M9BWMAPC Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # D-M9BWMAPC
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWMAPC Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button D-M9BWMAPC Datasheet HTML 28Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 29Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 30Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 31Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 32Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 33Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 34Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 35Page - List of Unclassifed Manufacturers D-M9BWMAPC Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Dimensions
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
23
81
127
D-F59
D-F5P
D-J59
21
71
111
(mm)
Lead wire length
Grommet
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
D-F59/D-F5P/D-J59
2 cores (Brown/Blue)
Auto switch model
D-F59
D-F5P
D-J59
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø4
ø1.22
0.3
ø0.08
24
Oilproof Heavy-duty Lead Wire Specifications
RoHS
Solid State Auto Switch
Tie-rod Mounting Type
D-F59/D-F5P/D-J59
D-F5
, D-J59 (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-F59
NPN
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less at
10 mA load current)
D-F5P
PNP
—
80 mA or less
0.8 V or less
D-J59
—
24 VDC Relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
3-wire
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
100
µA or less at 24 VDC
Red LED illuminates when turned ON.
CE marking, RoHS
2-wire
Refer to SMC website for the details of
the products conforming to the
international standards.
Auto Switch Specifications
PLC: Programmable Logic Controller
Weight
(g)
Mounting hole
Indicator light
Most sensitive position
1605
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com