Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J-SERIES Datasheet(PDF) 1 Page - Leach International Corporation

Part # J-SERIES
Description  RELAY – NONLATCH 2 PDT, 12 AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEACH [Leach International Corporation]
Direct Link  https://leachcorp.com/
Logo LEACH - Leach International Corporation

J-SERIES Datasheet(HTML) 1 Page - Leach International Corporation

  J-SERIES Datasheet HTML 1Page - Leach International Corporation J-SERIES Datasheet HTML 2Page - Leach International Corporation J-SERIES Datasheet HTML 3Page - Leach International Corporation J-SERIES Datasheet HTML 4Page - Leach International Corporation J-SERIES Datasheet HTML 5Page - Leach International Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SERIES J
RELAY
– NONLATCH
2 PDT, 12 AMP
(714) 736-7598
• leachcorp.com • LINA.CustomerService@LeachCorp.com
The technical information provided by Leach International Corporation is to be used as a guide only, and is not meant for publication or as documentation for altering any
existing specification. Dimensions are in inches unless otherwise specified. Rev. 5/2019.
1 / 5
• All weld construction
• Contact arrangement
2 PDT
• Qualified at 10 Amps to
MIL-PRF-83536 /9 & /10
PRINCIPLE TECHNICAL CHARACTERISTICS
• Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1 phase
and 115/200 Vac, 400 Hz, 3 phases
• Weight
0.10 lbs. max
• Dimensions
1.01 in x .51 in x 1.00 in
• Special models available upon request
• Hermetically sealed, corrosion resistant metal can
• Contact factory for information on MIL-qualified part numbers
Applicable sockets:
SO-1049-8309/8987
Application Notes:
023
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
@28 Vdc
@115 Vac
400 Hz
@115/200 Vac
400 Hz, 3Ø
@115/200 Vac
60 Hz, 3Ø [2]
Resistive
12
12
12
2.5
Inductive [3]
8
8
8
2.5
Motor
4
4
4
2
Lamp
2
2
2
-
Overload
40
60
60
N/A
Rupture
50
80
80
N/A


Similar Part No. - J-SERIES

ManufacturerPart #DatasheetDescription
logo
Cree LED
J-SERIES-5050 CREELED-J-SERIES-5050 Datasheet
5Mb / 64P
J Series® 5050 6-V, 9‑V, 24‑V, 30‑V & 36‑V LEDs
REV 8
J-SERIES-JU7070B CREELED-J-SERIES-JU7070B Datasheet
2Mb / 31P
J Series® JU7070B K Class LEDs
REV 4
More results

Similar Description - J-SERIES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
RELAY - NONLATCH 2 PDT, 12 AMPS
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
F600-D4N ETC2-F600-D4N Datasheet
796Kb / 15P
RELAY - NONLATCH 6 PDT, 10 AMP
logo
Leach International Cor...
9274 LEACH-9274 Datasheet
697Kb / 6P
RELAY – NONLATCH 4 PDT, 15 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
RELAY – LATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com