Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IG4750 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # IG4750
Description  Locking Devices
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

IG4750 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  IG4750 Datasheet HTML 1Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 2Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 3Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 4Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 5Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 6Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 7Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 8Page - Cooper Bussmann, Inc. IG4750 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
E-Intro-3
LOCKING
DEVICES
INDUSTRIAL
COMMERCIAL
Industrial Specification Grade 15A
Hart-Lock® Locking Plugs and Connectors
Industrial Specification Grade 20 & 30A
Hart-Lock® Locking Plugs and Connectors
Dual range cord grip
secures cord without
crushing.
Neoprene cord hole
seal prevents dirt,
moisture, metal
chips from entering
terminal area.
Nylon body designed
for high abuse areas,
suitable for
70°C/158°F
continuous use.
Back wired construction
provides for fast
wiring. Complies with
Dead-Front NEC
requirements on plug.
Individual wire
pockets contain
stranded wire.
Dead-Front construction.
Heavy-duty safety grip
external cord grip with
fast-driving screws
provides positive cord
gripping and limits
strain on conductors.
Dust and moisture
cord seal limits entry
of contaminants into
terminal compartment.
Back wire terminals
have lead-in tapers
for ease of wiring.
High-strength, nylon
construction for long life
in tough applications.
Serrated terminal plates
and contoured terminal
clamps ‘‘bite’’ on the
conductors for positive
termination.
All-brass terminal screws
and clamps for low-
resistance conductor
terminations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com