Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8532 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8532
Description  6-String 43V White LED Driver with Boost Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8532 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8532 Datasheet HTML 6Page - Richtek Technology Corporation RT8532 Datasheet HTML 7Page - Richtek Technology Corporation RT8532 Datasheet HTML 8Page - Richtek Technology Corporation RT8532 Datasheet HTML 9Page - Richtek Technology Corporation RT8532 Datasheet HTML 10Page - Richtek Technology Corporation RT8532 Datasheet HTML 11Page - Richtek Technology Corporation RT8532 Datasheet HTML 12Page - Richtek Technology Corporation RT8532 Datasheet HTML 13Page - Richtek Technology Corporation RT8532 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
RT8532
DS8532-04
January 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Brightness Control
The RT8532 features the digital dimming control scheme.
A very high contrast ratio true digital PWM dimming can
be achieved by driving PWM pin with a PWM signal and
the recommended PWM frequency is 100Hz to 10kHz.
Dimming frequency can be sufficiently adjusted from
100Hz to 20kHz. However, LED current cannot be 100%
proportional to duty cycle especially for high frequency
and low duty ratio because of physical limitation caused
by inductor rising time. Please refer to Table 1 and Table2.
Dimming Frequency (Hz)
Duty (Min) Duty (Max)
100 < fPWM  200
0.18%
100%
200 < fPWM  500
0.18%
100%
500 < fPWM  1k
0.2%
100%
1k < fPWM  2k
0.2%
100%
2k < fPWM  5k
0.3%
100%
5k < fPWM  10k
0.3%
100%
10k < fPWM  20k
0.6%
100%
Dimming Frequency (Hz) Duty (Min) Duty (Max)
100 < fPWM  200
0.02%
100%
200 < fPWM  500
0.02%
100%
500 < fPWM  1k
0.04%
100%
1k < fPWM  2k
0.06%
100%
2k < fPWM  5k
0.15%
100%
5k < fPWM  10k
0.3%
100%
10k < fPWM  20k
0.6%
100%
Table 1. Mixed Dimming Mode
Table 2. PWM Dimming Mode
Note : The minimum duty in Table 1 and Table 2 is based
on the application circuit and does not consider the
deviation of current linearity when fPWM > 10kHz, ILED
may not achieve setting current in duty (min.) due to
different VOUT / VIN ratio at VIN = 12V.
Over Temperature Protection
The RT8532 includes an Over Temperature Protection
(OTP) feature to prevent overheating due to excessive
power dissipation from damaging the device. The OTP
function will shut down LED driver when the junction
temperature exceeds 150
°C. It will reactivate the device
when powered on again. To maintain continuous operation,
the junction temperature should be kept below 125
°C.
LED Driver Over Voltage Protection
The LED driver equips an Over Voltage Protection (OVP)
function. When the voltage at the OVP pin reaches a
threshold of approximately 1.2V, the driver will turn off.
The drivers turn on again once the voltage at OVP drops
below the threshold voltage. Thus, the output voltage can
be clamped at a certain voltage level. This voltage level
can be calculated by the following equation :

 


OVP2
OUT, OVP
OVP
OVP1
R
VV
1
R
where ROVP1 and ROVP2 are the resistors in the voltage
divider connected to the OVP pin. It is suggested to use
500k
Ω for ROVP2 to reduce loading effect.
LED Channel Open Circuit Protection
If at least one channel is in normal operation, the LED
driver will automatically ignore the open channels and
continue to regulate current for the channels in normal
operation.
Under Voltage Lockout (UVLO)
The UVLO circuit compares the LED driver input voltage
at VIN with the UVLO threshold to ensure the input voltage
is high enough for reliable operation. The 200mV (typ.)
hysteresis prevents supply transients from causing a
shutdown. Once VIN exceeds the UVLO rising threshold,
the LED soft-start will begin after a several ms delay. When
VIN falls below the UVLO falling threshold, the controller
turns off all LED driver functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com