Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

263137 Datasheet(PDF) 9 Page - Eaton All Rights Reserved.

Part # 263137
Description  Surge Protection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

263137 Datasheet(HTML) 9 Page - Eaton All Rights Reserved.

Back Button 263137 Datasheet HTML 5Page - Eaton All Rights Reserved. 263137 Datasheet HTML 6Page - Eaton All Rights Reserved. 263137 Datasheet HTML 7Page - Eaton All Rights Reserved. 263137 Datasheet HTML 8Page - Eaton All Rights Reserved. 263137 Datasheet HTML 9Page - Eaton All Rights Reserved. 263137 Datasheet HTML 10Page - Eaton All Rights Reserved. 263137 Datasheet HTML 11Page - Eaton All Rights Reserved. 263137 Datasheet HTML 12Page - Eaton All Rights Reserved. 263137 Datasheet HTML 13Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
12
Description
Type Designation
Article No.
Units per package
Surge protective device SPD-S-1+1 for TN-, TT-systems (3-phase 4-wire)
Complete device
Insert N-PE
Insert L-N
Base 1+1 2-pole
Auxiliary switch
SPD-S-1+1
248202
1 / 60
SPD-S-N/PE
248199
4 / 120
SPD-S-L/N
248200
4 / 120
SPC-S-S2-1+1
248201
6 / 60
SPC-S-HK
248203
8 / 80
U1602
Surge protective device SPD-S-280/2 for IT-, TT-systems (3-phase 3-wire)
Complete device
Insert
Base
Auxiliary switch
SPD-S-280/2
269088
1 / 60
SPD-S-280
269087
4 / 120
SPC-S-S2
248168
6 / 60
SPC-S-HK
248203
8 / 80
SPD-S-1+1
Surge Protection
SPD Class D
PHASE OUT TYPE
PHASE OUT TYPE
19” Multiple Outlet Strips NWS-STL/19/7F
7 outlets, DIN
7 outlets, plus switch, DIN
7 outlets, UTE
NWS-STL/19/7F
255398
1
NWS-STL/19/7F/S/BL
255399
1
NWS-STL/19/7F/UTE
290031
1
N00411
19” Surge Protection - Multiple Outlet Strips with Switch SPD-STL/19/7F-S/BL
7 outlets, plus switch, DIN
7 outlets, UTE
SPD-STL/19/7F-S/BL
283449
1
SPD-STL/19/7F-S/BL/UTE
290032
1
N00511
Surge Protection Multiple Outlet Strips with High-Range Filter and Energy
Absorption for full Equipment Protection SPD-STL/6F-S
6 outlets, plus switch, DIN
6 outlets, plus switch, DIN+ISDN
19" fixing bracket for
SPD-STL/6F-S (1U)
SPD-STL/6F-S (68583)
130000
1
SPD-STL/6F-S/ISDN (68585) 147795
1
NWS-HW/19/SPD-STL/6F-S 166364
1
N04011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com