Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3REX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP3REX
Description  Introducing the Class I, Division 2 certified TOUGHPIX DIGITHERM, US Edition.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP3REX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP3REX Datasheet HTML 1Page - List of Unclassifed Manufacturers TP3REX Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact and rugged weighing only
13.4oz.
Infrared vision with a super sensitive
80x60 thermal sensor array, as
standard.
Removable 8GB memory card and
USB card reader.
FOR PRODUCT
INFORMATION
AND TO PLACE
AN ORDER CONTACT:
TEL: +44 (0) 1642 454373
TEL USA: 1 877 836 0764
EMAIL: SALES@CORD-EX.COM
WEB: WWW.CORD-EX.COM
CORDEX INSTRUMENTS LTD.
UNIT 1 OWENS ROAD
SKIPPERS LANE
INDUSTRIAL ESTATE
MIDDLESBROUGH
TS6 6HE
Onboard bright white LED illumination.
With flash and torch mode, TOUGHPIX
DIGITHERM has you covered, every time.
Onboard wireless link allows you to
connect and download images directly
to your PC.
General information
Image download
WIFI & removable memory card (safe area only)
Image storage
8GB
Body material
Anodised aluminium with polymeric materials
Lens & LCD material
Armoured Glass
Weight
13.4oz
IP rating
54
Operating range
14˚F to 104˚F
Storage
-4˚F to 140˚F
Electrical information
Battery type
Removable & rechargeable (safe area only)
Capacity
1900mAh
Cell type
Li-ion
Thermal radiometric capability
Sensor
80x60 pixel array
Imaging
Adaptive thermal blending for dual mode imaging
Low range
14˚F to 284˚F with +/-3.6˚F or +/-2% accuracy
High range
14˚F to 716˚F with +/-9˚F or +/-5% accuracy
Sensor NETD
<50mK
Radiometric compensation
Emissivity, temperature, distance, humidity
Visual capability
Standard image capture
5 megapixel
Additional features
Auto-focus, auto exposure, powerful flash LED
Screen size
2.8 inches
Certificate information
NRTL Listing (MET)
E113607
Standards
UL 60079-0:2005 Ed. 4th, Electrical Apparatus
for Explosive Gas Atmospheres - Part 0: General
Requirements.
UL 60079-11:2009 Ed. 5th, Explosive Atmospheres - Part
11: Equipment Protection by Intrinsic Safety 'i'.
ANSI/ISA-/UL 61010-1:2010 Ed 3rd, Safety Requirements
for Electrical Equipment for Measurement, Control and
Laboratory use -Part 1- General Requirements (2012)
Certificate Type
Class I, Division 2, Groups A, B, C, D, T4
Class I Zone 1, AEx ib IIC T4 Hazardous Locations
Ambient temperature: -10ºC to 40ºC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com