Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TYPEJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TYPEJ
Description  Duplex Insulated Iron-Constantan Duplex ANSI Type J
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TYPEJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TYPEJ Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Duplex Insulated
Iron-Constantan
Duplex
ANSI Type J
ANSI Color Code: Positive Wire, White; Negative Wire, Red; Overall, Brown
AWG
Type
Insulation
Max Temp
Nominal
Wt.† kg/300 m
Insulation
No. Model Number
Wire
Conductor
Overall
°C
°F
Size mm (inch)
(lb/1000')
14
XC-J-14
Solid
590 1100 3.6 x 5.0 (0.140 x 0.200)
18 (38)
20
XC-J-20
Solid
480
900 3.4 x 4.8 (0.135 x 0.190)
8 (16)
20
XT-J-20
Solid
480
900 2.7 x 3.9 (0.105 x 0.155)
7 (15)
Ceramic*
20
XL-J-20
Solid Nextel Ceramic
Nextel Ceramic
480
900 2.4 x 3.4 (0.095 x 0.135)
7 (14)
24
XC-J-24
Solid
370
700 2.9 x 4.4 (0.115 x 0.175)
6 (12)
24
XT-J-24
Solid
370
700 2.2 x 3.4 (0.088 x 0.132)
5 (11)
24
XL-J-24
Solid
370
700 2.0 x 3.0 (0.078 x 0.116)
5 (10)
14
XS-J-14
Solid
590 1100 3.6 x 5.0 (0.140 x 0.200)
16 (35)
Silica*
20
XS-J-20
Solid
Silica
Silica
480
900 2.7 x 3.9 (0.105 x 0.155)
6 (12)
24
XS-J-24
Solid
370
700 2.2 x 3.4 (0.088 x 0.132)
5 (10)
High Temp. 20
HH-J-20
Solid
High
High
480
900 1.5 x 2.7 (0.060 x 0.105)
4 (9)
Glass**
24
HH-J-24
Solid
Temp. Glass
Temp. Glass
370
700 1.1 x 2.2 (0.055 x 0.090)
3 (5)
14
GG-J-14
Solid
Glass Braid
480
900 1.5 x 2.4 (0.060 x 0.095)
4 (9)
20
GG-J-20
Solid
Glass Braid
480
900 1.5 x 2.5 (0.060 x 0.100)
4 (9)
20
GG-J-20S
7 x 28
Glass Braid
480
900 1.3 x 2.0 (0.050 x 0.080)
3 (5)
Glass
24
GG-J-24
Solid
Glass Braid
Glass Braid
370
700 1.3 x 2.2 (0.050 x 0.085)
3 (5)
24
GG-J-24S
7 x 32
Glass Braid
370
700 1.1 x 2.0 (0.045 x 0.075)
2 (4)
28
GG-J-28
Solid
Glass Wrap
370
700 1.0 x 1.4 (0.040 x 0.055)
2 (3)
30
GG-J-30
Solid
Glass Wrap
320
600 0.9 x 1.3 (0.037 x 0.050)
2 (3)
36
GG-J-36
Solid
Glass Wrap
320
600 0.8 x 1.1 (0.033 x 0.045)
1 (2)
Glass with
20
GG-J-20-SB
Solid
482
900 2.3 x 3.0 (0.090 x 0.120)
6 (14)
Stainless
20S
GG-J-20S-SB
7 x 28
Glass
SS Braid
482
900 2.3 x 3.2 (0.090 x 0.127)
7 (15)
Steel
24
GG-J-24-SB
Solid
over Glass
482
900 2.2 x 3.0 (0.085 x 0.117)
5 (11)
Overbraid
24S
GG-J-24S-SB
7 x 32
482
900 2.0 x 2.8 (0.080 x 0.110)
5 (11)
Kapton
20
KK-J-20
Solid
260
500 1.5 x 2.5 (0.060 x 0.100)
5 (11)
Fused
20S
KK-J-20S
7 x 28
Fused
Fused
260
500 1.5 x 2.7 (0.060 x 0.105)
5 (11)
Polymide
24
KK-J-24
Solid
Polymide
Polymide
260
500 1.3 x 1.9 (0.050 x 0.075)
3 (6)
Tape
24S
KK-J-24S
7 x 32
Tape
Tape
260
500 1.3 x 2.2 (0.050 x 0.085)
3 (6)
30
KK-J-30
Solid
260
500 0.6 x 1.1 (0.026 x 0.044)
3 (5)
PFA and
30
TG-J-30
Solid
260
500 0.9 x 1.2 (0.034 x 0.047)
1 (2)
Glass
36
TG-J-36
Solid
PFA
Glass Braid
260
500 0.7 x 1.0 (0.028 x 0.038)
1 (2)
40
TG-J-40
Solid
260
500 0.7 x 0.9 (0.026 x 0.035)
1 (2)
20
TT-J-20
Solid
260
500 1.7 x 3.0 (0.068 x 0.116)
5 (11)
20
TT-J-20S
7 x 28
260
500 1.9 x 3.2 (0.073 x 0.126)
5 (11)
Neoflon
22
TT-J-22S
7 x 30
260
500 1.7 x 3.4 (0.065 x 0.133)
4 (9)
PFA
24
TT-J-24
Solid
PFA
PFA
260
500 1.4 x 2.4 (0.056 x 0.093)
3 (6)
(High
24
TT-J-24S
7 x 32
260
500 1.6 x 2.6 (0.063 x 0.102)
3 (6)
Performance) 30
TT-J-30††
Solid
260
500 0.6 x 1.0 (0.024 x 0.040)
1 (2)
36
TT-J-36††
Solid
260
500 0.5 x 0.8 (0.019 x 0.030)
1 (2)
40
TT-J-40††
Solid
260
500 0.4 x 0.7 (0.017 x 0.026)
1 (2)
PFA
20
TT-J-20-TWSH
Solid
260
500
3.7 (0.15)
9 (20)
Polymer
20S
TT-J-20S-TWSH
7 x 28
PFA
PFA Polymer
260
500
3.8 (0.15)
9 (20)
w/Twisted
24
TT-J-24-TWSH
Solid
Polymer
and Shielding
260
500
2.7 (0.11)
4 (9)
& Shielded 24S
TT-J-24S-TWSH
7 x 32
260
500
2.9 (0.12)
4 (9)
Conductors
20
FF-J-20
Solid
200
392 1.7 x 3.0 (0.068 x 0.116)
5 (11)
Neoflon FEP 24
FF-J-24
Solid
FEP
FEP
200
392 1.7 x 3.0 (0.056 x 0.092)
3 (5)
FEP
20
FF-J-20-TWSH
Solid
200
392
3.7 (0.15)
9 (20)
Polymer
20S
FF-J-20S-TWSH
7 x 28
FEP
FEP Polymer
200
392
3.8 (0.15)
9 (20)
w/Twisted
24
FF-J-24-TWSH
Solid
Polymer
and Shielding
200
392
2.7 (0.11)
4 (9)
& Shielded 24S
FF-J-24S-TWSH
7 x 32
200
392
2.9 (0.12)
4 (9)
Conductors
TFE Tape
20
TFE-J-20
Solid
260
500 1.5 x 2.5 (0.060 x 0.100)
5 (11)
Polymer
20S
TFE-J-20S
7 x 28
TFE Tape
Fused TFE
260
500 1.5 x 2.7 (0.060 x 0.105)
5 (11)
24
TFE-J-24
Solid
Polymer
Tape Polymer
260
500 1.3 x 1.9 (0.050 x 0.075)
3 (6)
24S
TFE-J-24S
7 x 32
260
500 1.3 x 2.2 (0.050 x 0.085)
3 (6)
Polyvinyl
24
PR-J-24
Solid
Polyvinyl
(Rip Cord)***
105
221 1.3 x 2.2 (0.050 x 0.085)
3 (5)
24
PP-J-24S
7 x 32
Polyvinyl
105
221 2.0 x 3.4 (0.082 x 0.134)
3 (5)
* Has color tracers on jacket and conductors, **HH Wire has trace thread in positive leg, negative leg is red,
overall has trace thread.
*** Two insulated leads bonded together, but with no overjacket.
† Weight of spool and wire rounded to the next highest lb (does not include packing material).
†† Overall color clear.
††† To order special limits of error wire, add “-SLE” to model number before spool length.
Ordering Example: GG-J-24-SLE-1000, 1000' (300 m) of Type J duplex insulated special limits of error
thermocouple wire.
Note: Published prices are based on market value at time of printing and are subject to change due to
Nickel surcharges, Chromium and precious-metal market fluctuations.
Now You Can Add
Stainless Steel, Inconel
®
or Tinned Copper
Overbraiding
to Your
Insulated Thermocouple
Wire!


Similar Part No. - TYPEJ

ManufacturerPart #DatasheetDescription
logo
Rohm
TYPE ROHM-TYPE Datasheet
307Kb / 8P
Zener diode
logo
List of Unclassifed Man...
TYPE-LA ETC2-TYPE-LA Datasheet
117Kb / 1P
DC Ammeter Shunts
TYPE-LB ETC2-TYPE-LB Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Mini-Circuits
TYPE-N_SMA MINI-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
logo
Frontier Electronics.
TYPE5106 FRONTIER-TYPE5106 Datasheet
120Kb / 1P
TV Convergence & Width coils
More results

Similar Description - TYPEJ

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A212 MITEL-1A212 Datasheet
198Kb / 10P
High-Performance DUPLEX(Half-Duplex Communication)
1A353 MITEL-1A353 Datasheet
195Kb / 10P
High-Performance Duplex(Half-Duplex Communication)
logo
Toshiba Semiconductor
TOCA200 TOSHIBA-TOCA200 Datasheet
72Kb / 3P
DUPLEX TYPE OPTICAL ADAPTER
logo
CML Microcircuits
CMX7262 CMLMICRO-CMX7262 Datasheet
2Mb / 52P
Half-duplex operation
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-4536EZ AVAGO-AFBR-4536EZ Datasheet
193Kb / 2P
Plastic Optical Duplex Bulkhead Connector Suitable For Duplex Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com