Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN07090 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN07090
Description  70MHz SAW Filter 9.15MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07090 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN07090 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07090 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07090 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07090
Rev. Date
2005-2-4
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
9.15MHz Bandwidth
Part Number: LBN07090
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.95
70
70.05
Insertion Loss
dB
23.5
25
3dB Bandwidth
MHz
9.15
9.2
Selectivity
f0±400kHz
f0±600kHz
f0±1MHz
f0±5MHz
dB
35
45
50
45
55
55
55
47
Ultimate Rejection( f0±15MHz)
dB
60
62
Passband Variation
dB
0.6
1.2
Absolute Delay
usec
3.64
4
Subatrate Material
YZ-LiNbO3
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN07090

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07090 SIPAT-LBN07090 Datasheet
142Kb / 3P
70MHz SAW Filter
More results

Similar Description - LBN07090

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS05 SIPAT-LB070DS05 Datasheet
293Kb / 3P
2.5MHz SAW Filter 70MHz Bandwidth
LBN70A20 SIPAT-LBN70A20 Datasheet
279Kb / 3P
70MHz SAW Filter 27MHz Bandwidth
LBN70A27 SIPAT-LBN70A27 Datasheet
295Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBN7049 SIPAT-LBN7049 Datasheet
140Kb / 3P
70MHz SAW Filter 25.58MHz Bandwidth
LBN07076 SIPAT-LBN07076 Datasheet
140Kb / 3P
70MHz SAW Filter 25MHz Bandwidth
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
70MHz SAW Filter 13.35MHz Bandwidth
LBN07098 SIPAT-LBN07098 Datasheet
288Kb / 3P
70MHz SAW Filter 8MHz Bandwidth
LBT20014 SIPAT-LBT20014 Datasheet
324Kb / 3P
200MHz SAW Filter 9.15MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com