Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC0LEA Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCC0LEA
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LEA Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LEA Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LEA Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC M415-M414-3A-650-PW0434-003
Order Code: BCC0LEA
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 273206
ETIM 6.0: EC001855
BCC0LEA_0.34_2022-07-15
2 / 2
Mechanical data
Acceleration max., drag chain
5 m/s²
Cable jacket, color
black
Cable length L
0.30 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm/0.6 Nm
Traverse speed max., drag chain
200 m/min
Vertical travel permitted, drag chain
2 m
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Silicone-free
Flame resistance per UL FT2
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
Connector Drawings
II
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
I
PIN 1: brown
PIN 2: white
PIN 3: blue
PIN 4: black
PIN 5: n.c.
Wiring Diagrams
1) Green LED = Power
2) Yellow LED = Function
3) LED white = Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com