Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY787 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGY787
Description  CATV amplifier module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY787 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGY787 Datasheet HTML 1Page - NXP Semiconductors BGY787 Datasheet HTML 2Page - NXP Semiconductors BGY787 Datasheet HTML 3Page - NXP Semiconductors BGY787 Datasheet HTML 4Page - NXP Semiconductors BGY787 Datasheet HTML 5Page - NXP Semiconductors BGY787 Datasheet HTML 6Page - NXP Semiconductors BGY787 Datasheet HTML 7Page - NXP Semiconductors BGY787 Datasheet HTML 8Page - NXP Semiconductors BGY787 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Hybrid amplifier module in a SOT115J package operating with a voltage supply of
24 V (DC).
1.2 Features
s Extremely low noise
s Silicon nitride passivation
s Rugged construction
s Gold metallization ensures excellent reliability
s Excellent linearity
1.3 Applications
s CATV systems operating in the frequency range of 40 MHz to 750 MHz
1.4 Quick reference data
[1]
The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
BGY787
750 MHz, 21.5 dB gain push-pull
Rev. 08 — 1 April 2005
Product data sheet
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.
MSC895
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
f = 50 MHz
21
21.5
22
dB
f = 750 MHz
21.5
22.5
-
dB
Itot
total current consumption (DC)
VB =24V
[1] -
220
240
mA


Similar Part No. - BGY787

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY787 PHILIPS-BGY787 Datasheet
63Kb / 11P
750 MHz, 21.5 dB gain push-pull
Rev. 08-1 April 2005
BGY787 NXP-BGY787 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BGY787 JMNIC-BGY787_15 Datasheet
65Kb / 12P
750 MHz, 21.5 dB gain push-pull amplifier
BGY787_2015 JMNIC-BGY787_2015 Datasheet
65Kb / 12P
750 MHz, 21.5 dB gain push-pull amplifier
More results

Similar Description - BGY787

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
CATV amplifier module
1997 Apr 10
BGY66B PHILIPS-BGY66B Datasheet
52Kb / 8P
CATV amplifier module
1997 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com