Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F128J3F75 Datasheet(PDF) 49 Page - Numonyx B.V

Part # JS28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128J3F75 Datasheet(HTML) 49 Page - Numonyx B.V

Back Button JS28F128J3F75 Datasheet HTML 45Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 46Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 47Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 48Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 49Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 50Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 51Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 52Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 53Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
48
12.0
Flow Charts
Notes:
1.
The device defaults to output SR data after the Buffered Programming Setup command (E8h) is issued. CE# and OE#
must be toggled to update Status Register. Don’t issue the Read SR command (70h), which would be interpreted by the
internal state machine as Buffer Word Count.
Figure 16: Write to Buffer Flowchart
Start
Setup
-Write 0xE8
- Block Address
Check Buffer Status
- Perform Read Operation
- Read Ready Status on signal SR.7
(Note 1)
SR.7 = 1 ?
Word Count
- Address = block address
- Data = word count minus 1
(Valid range = 0x00 to 0xFF)
Load Buffer
- Fill write buffer up to word count
- Address = within buffer range
- Data = User data
Confirm
-Write 0xD0
- Block address
Read Status Register(SR)
SR.7 = 1 ?
Full Status Register Check(if
desired)
End
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com