Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC28F128J3F75 Datasheet(PDF) 8 Page - Numonyx B.V

Part # PC28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F128J3F75 Datasheet(HTML) 8 Page - Numonyx B.V

Back Button PC28F128J3F75 Datasheet HTML 4Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 5Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 6Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 7Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 8Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 9Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 10Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 11Page - Numonyx B.V PC28F128J3F75 Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
Datasheet
7
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
1.2
Acronyms
1.3
Conventions
h
Hexadecimal Suffix
K(noun)
1,000
M (noun)
1,000,000
Nibble
4 bits
Byte
8 bits
Word
16 bits
Kb
1,024 bits
KB
1,024 bytes
KW
1,024 words
Mb
1,048,576 bits
MB
1,048,576 bytes
MW
1,048,576 words
Kbit
1,024 bits
Mbit
1,048,576 bits
SBC
Single Bit per Cell
FDI
Flash Data Integrator
CFI
Common Flash Interface
SCS
Scalable Command Set
CUI
Command User Interface
OTP
One Time Programmable
PLR
Protection Lock Register
PR
Protection Register
PRD
Protection Register Data
RFU
Reserved for Future Use
SR
Status Register
SRD
Status Register Data
WSM
Write State Machine
ECR
Enhanced Configuration Register
ECD
Enhanced Configuration Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com