Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCC0LM7 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0LM7
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LM7 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0LM7 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LM7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Ended Cordsets
BCC M418-M418-6X-378-PS58N9-400
Order Code: BCC0LM7
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 277346
ETIM 6.0: EC001855
BCC0LM7_0.5_2022-08-01
1 / 2
Basic features
Application
Ethernet, CAT 6A
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Cable
PUR Shielded Green, 40 m
Cable diameter D
6.20 mm ±0.20 mm
Cable, note
Ethernet, CAT 7 by IEC 60332-1
Conductor cross-section
26 AWG
Connection 1
M12x1-Male, Straight, 8-pin, X-
coded
Connection 2
M12x1-Male, Straight, 8-pin, X-
coded
Number of conductors
8
System
Molded/Molded
Electrical data
Conductor construction
4x2 twisted-pair
Conductor resistance
≤ 145 Ohm/km at 20 °C
Coupling resistance max.
1Ω /m at 100 MHz
Isolation resistance
≥ 150 MOhm x km at 20 °C
Operating capacitance
nom. 46nF/km at 1kHz
Operating voltage Ub
60 VDC / 50 VAC
Rated current (40 °C)
0.5 A
Surge impedance
100 Ohm ±22 Ohm at 100 MHz
Transfer rate
10 Gbit/s
Environmental conditions
Cable temperature, fixed routing
-40...85 °C
Cable temperature, flexible routing
-10...60 °C
IP rating
IP67/IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Aluminum foil and copper braid
Material contact carrier
PA/PA
Material contacts
Brass/Brass
Material cover nut
Brass
nickel-plated/Brass
nickel-plated
Material grip
PUR/PUR
Mechanical data
Cable jacket, color
Green
Cable length L
40.00 m
Tightening torque pigtail
0.6 Nm/0.6 Nm


Similar Part No. - BCC0LM7

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0LM0 BALLUFF-BCC0LM0 Datasheet
109Kb / 2P
Single-Ended Cordsets
0.3_2021-08-13
BCC0LM1 BALLUFF-BCC0LM1 Datasheet
124Kb / 2P
Y-Splitters
2022-07-15
BCC0LM2 BALLUFF-BCC0LM2 Datasheet
132Kb / 2P
Double-Ended Cordsets
2022-08-01
BCC0LM6 BALLUFF-BCC0LM6 Datasheet
127Kb / 2P
Double-Ended Cordsets
2022-08-01
BCC0LMF BALLUFF-BCC0LMF Datasheet
124Kb / 2P
Y-Splitters
0.4_2022-07-04
More results

Similar Description - BCC0LM7

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0FCK BALLUFF-BCC0FCK Datasheet
106Kb / 2P
Double-Ended Cordsets
0.5_2022-07-15
BCC0KU2 BALLUFF-BCC0KU2 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.38_2022-08-01
BCC0KU3 BALLUFF-BCC0KU3 Datasheet
112Kb / 2P
Double-Ended Cordsets
0.4_2022-08-01
BCC0KY7 BALLUFF-BCC0KY7 Datasheet
113Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LL5 BALLUFF-BCC0LL5 Datasheet
110Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LL9 BALLUFF-BCC0LL9 Datasheet
111Kb / 2P
Double-Ended Cordsets
1_2021-03-01
BCC0LN3 BALLUFF-BCC0LN3 Datasheet
108Kb / 2P
Double-Ended Cordsets
0.4_2022-07-15
BCC0LP6 BALLUFF-BCC0LP6 Datasheet
122Kb / 2P
Double-Ended Cordsets
0.48_2022-07-15
BCC0LPA BALLUFF-BCC0LPA Datasheet
111Kb / 2P
Double-Ended Cordsets
0.4_2022-08-08
BCC0LPC BALLUFF-BCC0LPC Datasheet
111Kb / 2P
Double-Ended Cordsets
0.38_2022-08-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com