Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSU4L Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # LSU4L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSU4L Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button LSU4L Datasheet HTML 8Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 9Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSU4L Datasheet HTML 16Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Table 4. Side Rotary • MICRO SWITCH HDLS Series Order Guide/Recommended Listings
Low Torque (LSR)
Low Diff., Low Torque (LSH)
Description
Low operating torque
Low pretravel and low torque
SPDT
DPDT
SPDT
DPDT
Contact closed n
Contact open o
75°
0°
15°
10°
Snap Action
1NO/1NC
1
2
3
4
75°
0°
15°
8°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
75°
0°
9°
6°
Snap Action
1NO/1NC
1
2
3
4
75°
0°
9°
5°
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
Pretravel
15° max.
15° max.
9° max.
9° max.
Different. travel
5° max.
7° max.
3° max.
4° max.
Overtravel
60° min.
60° min.
66° min.
66° min.
Oper. torque
0,19 Nm [1.7 in-lb] max.
0,19 Nm [1.7 in-lb] max.
Action
CW & CCW (Momentary)
Op. temp range3
-1°C to 121°C [30°F to 250°F] (for low temp, high temp, or preleaded versions, see pages 8-9)
Circuitry
Contacts Body Style2
Conduit
(NPT)
Options
SPDT
Double Break
Silver
Plug-in
0.5 in
LSR1A
LSH1A
Gold4
Plug-in
0.5 in
LSR1E
LSH1E
Silver
Plug-in
0.5 in
120 V Ind. lite1
LSR5A
LSH5A
Silver
Plug-in
0.5 in
240 V Ind. lite1
LSR8A
LSH8A
Silver
Plug-in
0.5 in
24 V LED 1.5 mA
max. auto polarity1
LSR9A
LSH9S
Silver
Non-plug-in 0.5 in
LSR3K
LSH3K
DPDT
Double Break
Silver
Plug-in
0.75 in
LSR3B
LSH2B
Silver
Plug-in
0.5 in
LSR6B
LSH6B
Silver
Plug-in
0.75 in 120 V Ind. lite1
LSR2R
LSH2R
Silver
Non-plug-in 0.75 in
LSR4L
LSH4L
Silver
Non-plug-in 0.5 in
LSR7L
LSHJ7L
1
Use at voltage indicated for light. Wired to NO circuit. Upper temperature limit for lighted units is 93°C [200°F]
2
Plug-in listings include base receptacle
3
Completely fluorocarbon sealed switches are preferred for use in temperatures above 93°C [200°F]
4
Gold-plated contacts
NOTE: Same polarity each pole.
To order a fluorocarbon sealed switch, insert the letters
Y and C into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAC1A limit switch.
To order a low temperature, fluorosilicone sealed switch, insert the letters
Y and B into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAB1A
limit switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com