Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADV7340EBZ Datasheet(PDF) 53 Page - Analog Devices

Part # EVAL-ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADV7340EBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button EVAL-ADV7340EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADV7340EBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 53 of 88
FILTERS
Table 39 shows an overview of the programmable filters
available on the ADV7340/ADV7341.
Table 39. Selectable Filters
Filter
Subaddress
SD Luma LPF NTSC
0x80
SD Luma LPF PAL
0x80
SD Luma Notch NTSC
0x80
SD Luma Notch PAL
0x80
SD Luma SSAF
0x80
SD Luma CIF
0x80
SD Luma QCIF
0x80
SD Chroma 0.65 MHz
0x80
SD Chroma 1.0 MHz
0x80
SD Chroma 1.3 MHz
0x80
SD Chroma 2.0 MHz
0x80
SD Chroma 3.0 MHz
0x80
SD Chroma CIF
0x80
SD Chroma QCIF
0x80
SD PrPb SSAF
0x82
ED/HD Chroma Input
0x33
ED/HD Sinc Compensation Filter
0x33
ED/HD Chroma SSAF
0x33
SD Internal Filter Response
Subaddress 0x80, Bits[7:2]; Subaddress 0x82, Bit 0
The Y filter supports several different frequency responses,
including two low-pass responses, two notch responses, an
extended (SSAF) response with or without gain boost
attenuation, a CIF response, and a QCIF response. The PrPb
filter supports several different frequency responses, including
six low-pass responses, a CIF response, and a QCIF response, as
shown in Figure 39 and Figure 40.
If SD SSAF gain is enabled (Subaddress 0x87, Bit 4), there are 13
response options in the −4 dB to +4 dB range. The desired response
can be programmed using Subaddress 0xA2. The variation of
frequency responses is shown in Figure 36 to Figure 38.
In addition to the chroma filters listed in Table 39, the ADV7340
/ADV7341 contain an SSAF filter specifically designed for the
color difference component outputs, Pr and Pb. This filter has a
cutoff frequency of ~2.7 MHz and a gain of –40 dB at 3.8 MHz
(see Figure 65). This filter can be controlled with Subaddress
0x82, Bit 0.
FREQUENCY (MHz)
0
–10
–30
–50
–60
–20
–40
6
5
4
3
2
1
0
EXTENDED (SSAF) PrPb FILTER MODE
Figure 65. PrPb SSAF Filter
If this filter is disabled, one of the chroma filters shown in
Table 40 can be selected and used for the CVBS or luma/
chroma signal.
Table 40. Internal Filter Specifications
Filter
Pass-Band
Ripple (dB)1
3 dB Bandwidth (MHz)2
Luma LPF NTSC
0.16
4.24
Luma LPF PAL
0.1
4.81
Luma Notch NTSC
0.09
2.3/4.9/6.6
Luma Notch PAL
0.1
3.1/5.6/6.4
Luma SSAF
0.04
6.45
Luma CIF
0.127
3.02
Luma QCIF
Monotonic
1.5
Chroma 0.65 MHz
Monotonic
0.65
Chroma 1.0 MHz
Monotonic
1
Chroma 1.3 MHz
0.09
1.395
Chroma 2.0 MHz
0.048
2.2
Chroma 3.0 MHz
Monotonic
3.2
Chroma CIF
Monotonic
0.65
Chroma QCIF
Monotonic
0.5
1 Pass-band ripple is the maximum fluctuation from the 0 dB response in the
pass band, measured in dB. The pass band is defined to have 0 Hz to fc (Hz)
frequency limits for a low-pass filter, and 0 Hz to f1 (Hz), and f2 (Hz) to infinity
for a notch filter, where fc, f1, and f2 are the −3 dB points.
2 3 dB bandwidth refers to the −3 dB cutoff frequency.
ED/HD Sinc Compensation Filter Response
Subaddress 0x33, Bit 3
The ADV7340/ADV7341 include a filter designed to counter
the effect of sinc roll-off in DAC 1, DAC 2, and DAC 3 while
operating in ED/HD mode. This filter is enabled by default. It
can be disabled using Subaddress 0x33, Bit 3. The benefit of the
filter is illustrated in Figure 66 and Figure 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com