Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT38A5 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT38A5
Description  12 Melody Music Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT38A5 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT38A5 Datasheet HTML 1Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 2Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 3Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 4Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 5Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 6Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 7Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 8Page - Holtek Semiconductor Inc HT38A5 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pad Assignment
Chip size: 2110
´ 2530 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-903.425
1096.250
10
900.650
-994.626
2
-903.425
985.650
11
900.650
-316.774
3
-882.900
-650.050
12
901.625
1006.000
4
-882.900
-776.910
13
901.625
1116.600
5
-831.950
-886.910
14
697.050
1114.025
6
-831.950
-1025.350
15
586.450
1114.025
7
-177.390
-1045.600
16
-588.250
1114.025
8
-65.590
-1045.600
17
-698.850
1114.025
9
900.650
-1107.950
HT38A5
Rev. 1.00
2
November 2, 2006
P A 0
P A 1
P A 2
P A 3
P A 4
P A 5
P A 6
P A 7
A U D
O S C 2
O S C 1
R E S
V S S
V D D
V D D A
T E S T
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1
2
3
4
5
6
7
8
1 7
( 0 , 0 )
V S S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com