Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7340EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADV7340EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7340EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADV7340EBZ Datasheet HTML 30Page - Analog Devices ADV7340EBZ Datasheet HTML 31Page - Analog Devices ADV7340EBZ Datasheet HTML 32Page - Analog Devices ADV7340EBZ Datasheet HTML 33Page - Analog Devices ADV7340EBZ Datasheet HTML 34Page - Analog Devices ADV7340EBZ Datasheet HTML 35Page - Analog Devices ADV7340EBZ Datasheet HTML 36Page - Analog Devices ADV7340EBZ Datasheet HTML 37Page - Analog Devices ADV7340EBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 34 of 88
Table 20. Register 0x34 to Register 0x35
SR7 to
Bit Number
Reset
SR0
Register
Bit Description
7
6
5
4
3
2
1
0
Register Setting
Value
0
Internal ED/HD timing counters enabled.
0x48
ED/HD Timing Reset.
1
Resets the internal ED/HD timing counters.
0
HSYNC output control.
ED/HD HSYNC Control.1
1
0
VSYNC output control.
ED/HD VSYNC Control.1
1
0
P_BLANK active high.
ED/HD Blank Polarity.
1
P_BLANK active low.
0
Macrovision disabled.
ED Macrovision Enable.
1
Macrovision enabled.
Reserved.
0
0 must be written to this bit.
0
0 = field input.
ED/HD VSYNC/Field Input.
1
1 = VSYNC input.
0
Update field/line counter.
0x34
ED/HD Mode
Register 5
Horizontal/Vertical Counters.2
1
Field/line counter free running.
Reserved.
0
0x00
0
Disabled.
ED/HD RGB Input Enable.
1
Enabled.
0
Disabled.
ED/HD Sync on PrPb.
1
Enabled.
0
DAC 2 = Pb, DAC 3 = Pr.
ED/HD Color DAC Swap.
1
DAC 2 = Pr, DAC 3 = Pb.
0
Gamma Correction Curve A.
ED/HD Gamma Correction
Curve Select.
1
Gamma Correction Curve B.
0
Disabled.
ED/HD Gamma Correction
Enable.
1
Enabled.
0
Mode A.
ED/HD Adaptive Filter Mode.
1
Mode B.
0
Disabled.
0x35
ED/HD Mode
Register 6
ED/HD Adaptive Filter Enable.
1
Enabled.
1 Used in conjunction with ED/HD sync in Subaddress 0x02, Bit 7, set to 1.
2 When set to 0, the horizontal/vertical counters automatically wrap around at the end of the line/field/frame of the selected standard. When set to 1, the
horizontal/vertical counters are free running and wrap around when external sync signals indicate to do so.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com