Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSC3K Datasheet(PDF) 16 Page - Honeywell Solid State Electronics Center

Part # LSC3K
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSC3K Datasheet(HTML) 16 Page - Honeywell Solid State Electronics Center

Back Button LSC3K Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSC3K Datasheet HTML 20Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 4. MICRO SWITCH HDLS top rotary (single pole) dimen-
sions
21,6
[.85]
Ø 7,4 DIA.
[Ø 0.29] DIA.
42,4
[1.67]
57,2
[2.25]
41,1
[1.62]
39,6
[1.56]
59,4
[2.34]
29,4
[1.16]
70,4
[2.77]
44,4
[1.75]
16,5
[.65]
74,9
[2.95]
127.6
[5.02]
25,4
[1.00]
39,1
[1.54]
36,4
[1.43]
CONDUIT OPENING
LOCATION
LSB SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
7,4
[.29]
21,6
[.85]
20,3
[.80]
44,4
[1.75]
75,8
[2.98]
127,6
[5.02]
29,4
[1.16]
41,1
[1.62]
59,4
[2.34]
42,4
[1.67]
57,2
[2.25]
39,6
[1.56]
70,4
[2.77]
36,6
[1.44]
39,0
[1.54]
36,4
[1.43]
CONDUIT OPENING
LOCATION
LSB SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
DIA
Figure 5. MICRO SWITCH HDLS top rotary (double pole)
dimensions
89.7
[3.53]
139,8
[5.5]
7,32
[.29]
21,6
[.85]
57,2
[2.25]
36,4
[1.43]
59,5
[2.34]
47,8
[1.88]
29,4
[1.16]
82,6
[3.25]
39,8
[1.56]
18,8
[.74]
45,3
[1.78]
26,4
[1.04]
42,4
[1.67]
CONDUIT OPENING
LOCATION
LSB DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
DIA
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
89.7
[3.53]
139.8
[5.5]
21.6
[.85]
7,32
[.29]
21,3
[.84]
45,3
[1.78]
59,5
[2.34]
36,4
[1.43]
82.6
[3.25]
29,4
[1.16]
47.8
[1.88]
39.8
[1.56]
38,1
[1.50]
42,4
[1.67]
36,4
[1.43]
CONDUIT OPENING
LOCATION
LSB DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
DIA
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com