Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2028B Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA2028B
Description  COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2028B Datasheet(HTML) 5 Page - STMicroelectronics

  TEA2028B Datasheet HTML 1Page - STMicroelectronics TEA2028B Datasheet HTML 2Page - STMicroelectronics TEA2028B Datasheet HTML 3Page - STMicroelectronics TEA2028B Datasheet HTML 4Page - STMicroelectronics TEA2028B Datasheet HTML 5Page - STMicroelectronics TEA2028B Datasheet HTML 6Page - STMicroelectronics TEA2028B Datasheet HTML 7Page - STMicroelectronics TEA2028B Datasheet HTML 8Page - STMicroelectronics TEA2028B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Tamb =25
oC, VCC = 12V (unless otherwise noted) Pulse duration at 50% of the ampifier
Symbol
Parameter
Min.
Typ.
Max.
Unit
FRAME SYNCHRO ADJUSTMENT (Pin 20) (V20 = 2.5V)
I20H
High Output Current (V27 = 12V)
7.2
µA
I20L
Low Output Current (V27 = 0V)
– 2.8
µA
VCO (Pins 17-18 and 19)
Frequency control range after line divider (ceramic resonator : 503kHz)
15.30 to
16.10
kHz
PHASE COMPARATOR
ϕ 1 (Pin 22)
Output Current Low Loop Gain
± 0.35
± 0.50
± 0.65
mA
Output Current High Loop Gain
± 1
± 1.5
± 2mA
Window Pulse Width
7
10
13
µs
VCR SWITCHING (Pin 23)
Threshold Voltage VCR Operating
1.7
2.2
2.7
V
I23
Input Current (V23 =0, VCC = 12V)
-0.030
-0.25
-1
mA
VIDEO IDENTIFICATION (Pin 24)
V24
Output Saturation Voltage (without video signal, I24 = 3mA)
0.2
0.6
V
V24
Output Voltage (with 60Hz video signal, I24 = 2.5mA)
5
6.5
7.5
V
V24
Output Voltage (with 50Hz video signal, I24 =10
µA)
11.0
11.5
V
VIDEO IDENTIFICATION (Pin 25)
I25
Output Current (charging the capacitor)
0.5
0.75
1
mA
t25
Identification Time (charging the capacitor)
1.3
1.7
2.2
µs
V25
Threshold (voltage changing from lower to higher value)
4
4.5
5
V
LHYS
Hysteresis
350
mV
H-RAMP GENERATOR (Pin 13)
Ich13
Charge Current
185
200
215
µA
VI13
Base Voltage of Saw-tooth
0.5
V
Idis13
Discharge Current
3.5
7.0
mA
SUPER SANDCASTLE (Pin 11)
VB11
Burst key pulse level Output Voltage (I11 = – 5mA)
9
V
VL11
Line Blanking Pulse Level Output Voltage (I11 = – 5mA)
4
4.5
5
V
VBT11
Frame Blanking Pulse Level Output Voltage (and frame out of function)
(I11 = – 5mA)
2
2.5
3
V
SUPER SANDCASTLE
TB11
Delay between middle of synch pulse (Pin 27) and leading edge of burst
key pulse
2.3
3.0
µs
Duration of burst key pulse
3.7
4
5
TO11
Delay Between SSC Cutting Level at Pin 12 and Line Blanking Pulse
0.35
Frame Blanking Time (start with reset of frame divider)
21
Line
POSITIVE LINE FLY BACK INPUT (Pin 12)
Delay between middle of synch pulse and middle of line retrace
2.1
2.6
3.1
µs
Threshold for SMPS Safety
1.1
V
VbI12
Threshold for Blanking
0.3
V
Vϕ12
Threshold for PLL2
3
V
I12
Input Current – 0.4 V < V12 <VbI12
-20
µA
I12
Input Current VbI12 < V12 <V
ϕ12
-10
µA
I12
Input Current Vϕ12 <V12 <VCC
01
µA
TEA2028B
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com