Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541ER Datasheet(PDF) 2 Page - Intel Corporation

Part # LU82541ER
Description  82541ER Gigabit Ethernet Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541ER Datasheet(HTML) 2 Page - Intel Corporation

  LU82541ER Datasheet HTML 1Page - Intel Corporation LU82541ER Datasheet HTML 2Page - Intel Corporation LU82541ER Datasheet HTML 3Page - Intel Corporation LU82541ER Datasheet HTML 4Page - Intel Corporation LU82541ER Datasheet HTML 5Page - Intel Corporation LU82541ER Datasheet HTML 6Page - Intel Corporation LU82541ER Datasheet HTML 7Page - Intel Corporation LU82541ER Datasheet HTML 8Page - Intel Corporation LU82541ER Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
ii
Datasheet
Revision History
Date
Revision
Notes
Aug 2003
2.0
Non-classified release.
Mar 2004
3.0
Updated Section 4, “Voltage, Temperature, and Timing Specifications,” for the
C-0 stepping.
Oct 2004
3.1
•
Corrected EEMODE signal description.
•
Updated signal names to match design guide and reference schematics.
Nov 2004
3.2
•
Added lead free information.
•
Added information about migrating from a 2-layer 0.36 mm wide-trace
substrate to a 2-layer 0.32 mm wide-trace substrate. Refer to the section
on Package and Pinout Information.
•
Added statement that no changes to existing soldering processes are
needed for the 2-layer 0.32 mm wide-trace substrate change in the
section describing “Package Information”.
•
Corrected pinout discrepancies between sections “Signal Descriptions”
and “Package and Pinout Information”.
Jan 2005
3.3
•
Added new maximum values for DC supply voltages on 1.2 V and 1.8 V
pins. See Table 2, Recommended Operating Conditions and Table 6, DC
Characteristics.
Feb 2005
3.4
•
Updated Visual Pin Assignment diagram for pinouts F9, F10, E14, F14,
and H14.
Apr 2005
3.5
•
Removed all references to CLK_RUN# signal.
•
Corrected the FLSH_SO/LAN_DISABLE signal definition. If Flash
functionality is not used then an external pull-down resistor is required.
July 2005
3.6
•
Added pin C8 description to Table 29 and Table 31.
Aug 2005
3.7
•
Corrected 25 MHz Clock Input Requirements in Table 13.
June 2006
3.8
•
Corrected the FLSH_SO/LAN_DISABLE signal definition. If Flash
functionality is not used then an external pull-up resistor is required.
June 2006
3.9
•
Updated Table 13 “25 MHz Clock Input Requirements”.
Aug 2006
4.0
•
Updated Table 40 descriptions for pins A10, B10, and C9.
•
Updated pinout descriptions from Tables 25 - 42 to match Figure 13.
Sept 2006
4.1
•
Removed note “b” from Table 2 and note “a” from Tables 3 and 4. Moved
the note following Table 5 before Table 3 “3.3V Supply Voltage Ramp”.
Information in this document is provided in connection with Intel products. No license, express or implied, by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability
whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including liability or warranties relating to
fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. Intel products are not
intended for use in medical, life saving, or life sustaining applications.
Intel may make changes to specifications and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked "reserved" or "undefined." Intel reserves these for
future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
The 82541ER Gigabit Ethernet Controller may contain design defects or errors known as errata which may cause the product to deviate from
published specifications. Current characterized errata are available on request.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
Copies of documents which have an ordering number and are referenced in this document, or other Intel literature may be obtained by calling 1-800-
548-4725 or by visiting Intel's website at http://www.intel.com.
Intel® is a trademark or registered trademark of Intel Corporation or its subsidiaries in the United States and other countries.
Copyright © Intel Corporation, 2006
*Third-party brands and names are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com