Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853-13PI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS8853-13PI
Description  300mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS8853-13PI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS8853-13PI Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8853-13PI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FS8853
300mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
2/13
TD-0405006
Rev. 1.5
http://www.fsc.com.tw
FAX: +886-2-2809-4874
P
Piin
n C
Coon
nffiiggu
urraattiioon
nss
(BOTTOM VIEW)
P
Paacck
kaaggee M
Maarrk
kiin
ngg IIn
nffoorrm
maattiioon
n
SOT-23
TO-92 & SOT-89
EX:FS8853-33CC
Top Point:Lot No.
Bottom Point:Year
w : week, A~Z & A ~ Z
EX:FS8853-33CL
xxxx:Date Code
EX:FS8853-33PC
Top Point:Lot No.
Bottom Point:Year
w : week, A~Z & A ~ Z
4th Digit with Underline : Pb/P Free
EX:FS8853-33PL
xxxx:Date Code
FS8853
xxxxxxxx
1
2
3
1
2
3
SOT-23
SOT-89
Part No. Pin 1 Pin 2 Pin 3
FS8853
-xxxD
IN
GND OUT
FS8853
-xxxE
GND
IN
OUT
FS8853
-xxxF
OUT GND
IN
FS8853
-xxxW
GND OUT
IN
Part No. Pin 1 Pin 2 Pin 3
FS8853
-xxxA
IN
GND OUT
FS8853
-xxxB
GND
IN
OUT
FS8853
-xxxC
GND OUT
IN
FS8853
-xxxV
OUT GND
IN
Part No. Pin 1 Pin 2 Pin 3
FS8853
-xxxK
IN
GND OUT
FS8853
-xxxL
GND
IN
OUT
FS8853
-xxxI
OUT GND
IN
FS8853
-xxxY
GND OUT
IN
TO-92
1
2
3
. . . . .
3xxx W
. . . .
FS8853
33CLxxxx
. . . . .
3 33 C W
. . . .
. . . . .
3 33 C W
. . . .
FS8853
33PLxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com