Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS064JB0BAWTY0 Datasheet(PDF) 46 Page - SPANSION

Part # S71WS064JB0BAWTY0
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY0 Datasheet(HTML) 46 Page - SPANSION

Back Button S71WS064JB0BAWTY0 Datasheet HTML 42Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 43Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 44Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 45Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 46Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 47Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 48Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 49Page - SPANSION S71WS064JB0BAWTY0 Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 186 page
background image
44
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Pr elim inary
7KH IROORZLQJ KDUGZDUH GDWD SURWHFWLRQ PHDVXUHV SUHYHQW DFFLGHQWDO HUDVXUH RU
SURJUDPPLQJ ZKLFK PLJKW RWKHUZLVH EH FDXVHG E\ VSXULRXV V\VWHP OHYHO VLJQDOV
GXULQJ 9&& SRZHUXSDQG SRZHUGRZQWUDQVLWLRQVRU IURP V\VWHPQRLVH
Write Protect (WP#)
7KH :ULWH 3URWHFW IHDWXUH SURYLGHV D KDUGZDUH PHWKRG RI SURWHFWLQJ WKH IRXU
RXWHUPRVW VHFWRUV 7KLV IXQFWLRQ LV SURYLGHG E\ WKH :3 SLQ DQG RYHUULGHV WKH
SUHYLRXVO\ GLVFXVVHG6HFWRU 3URWHFWLRQ8QSURWHFWLRQPHWKRG
,I WKH V\VWHP DVVHUWV 9,/ RQ WKH :3 SLQ WKH GHYLFH GLVDEOHV SURJUDP DQG HUDVH
IXQFWLRQV LQ WKH IRXU ³RXWHUPRVW´  .ZRUG ERRW VHFWRUV 7KH IRXU RXWHUPRVW 
.ZRUG ERRW VHFWRUV DUH WKH IRXU VHFWRUV FRQWDLQLQJ WKH ORZHVW DGGUHVVHV 6$ 
6$  RU WKH IRXU VHFWRUV FRQWDLQLQJ WKH KLJKHVW DGGUHVVHV :6- 6$ 
6$ :6- 6$  6$ RU ERWK WKH ORZHU IRXU 6$  6$ DQG XSSHU
IRXU VHFWRUV :6- 6$  6$ :6- 6$  6$ LQ D GXDOERRW
FRQILJXUHG GHYLFH
,I WKH V\VWHP DVVHUWV 9,+ RQ WKH :3 SLQ WKH GHYLFH UHYHUWV WR ZKHWKHU WKH
XSSHU DQGRU ORZHU IRXU VHFWRUV ZHUH ODVW VHW WR EH SURWHFWHG RU XQSURWHFWHG
7KDW LV VHFWRU SURWHFWLRQ RU XQSURWHFWLRQ IRU WKHVH VHFWRUV GHSHQGV RQ ZKHWKHU
WKH\ ZHUH ODVW SURWHFWHG RU XQSURWHFWHG XVLQJ WKH PHWKRG GHVFULEHG LQ ³33% 3UR
JUDP &RPPDQG´VHFWLRQRQSDJH 
1RWH WKDW WKH :3 SLQ PXVW QRW EH OHIW IORDWLQJ RU XQFRQQHFWHG LQFRQVLVWHQW EH
KDYLRURIWKHGHYLFH PD\UHVXOW
/RZ9&& :ULWH ,QKLELW
:KHQ 9&& LV OHVV WKDQ 9/.2 WKH GHYLFH GRHV QRW DFFHSW DQ\ ZULWH F\FOHV 7KLV SUR
WHFWV GDWD GXULQJ 9&& SRZHUXS DQG SRZHUGRZQ 7KH FRPPDQG UHJLVWHU DQG DOO
LQWHUQDO SURJUDPHUDVH FLUFXLWV DUH GLVDEOHG DQG WKH GHYLFH UHVHWV WR UHDGLQJ
DUUD\ GDWD 6XEVHTXHQW ZULWHV DUH LJQRUHG XQWLO 9&& LV JUHDWHU WKDQ 9/.2 7KH V\V
WHP PXVW SURYLGH WKH SURSHU VLJQDOV WR WKH FRQWURO LQSXWV WR SUHYHQW XQLQWHQWLRQDO
ZULWHVZKHQ9&& LVJUHDWHU WKDQ9/.2
:ULWH 3XOVH³*OLWFK´ 3URWHFWLRQ
1RLVH SXOVHV RI OHVV WKDQ  QV W\SLFDO RQ 2(  &( RU :( GR QRW LQLWLDWH D ZULWH
F\FOH
/RJLFDO,QKLELW
:ULWH F\FOHV DUH LQKLELWHG E\ KROGLQJ DQ\ RQH RI 2(
9,/ &(
9,+ RU :(
9,+ 7R LQLWLDWH D ZULWH F\FOH &( DQG :( PXVW EH D ORJLFDO ]HUR ZKLOH 2( LV D
ORJLFDO RQH
3RZHU8S :ULWH ,QKLELW
,I :(
&(
5(6(7
9,/ DQG 2(
9,+ GXULQJ SRZHU XS WKH GHYLFH GRHV
QRW DFFHSW FRPPDQGV RQ WKH ULVLQJ HGJH RI :(  7KH LQWHUQDO VWDWH PDFKLQH LV
DXWRPDWLFDOO\UHVHWWRWKHUHDGPRGHRQSRZHUXS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com