Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM-HIRK Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # AM-HIRK
Description  RF RECEIVER DECODER HYBRID.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

AM-HIRK Datasheet(HTML) 4 Page - rfsolutions.ltd

  AM-HIRK Datasheet HTML 1Page - rfsolutions.ltd AM-HIRK Datasheet HTML 2Page - rfsolutions.ltd AM-HIRK Datasheet HTML 3Page - rfsolutions.ltd AM-HIRK Datasheet HTML 4Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS097-5
Feb ‘02
©2002 REG No 277 4001, England.
Page 4
RF RECEIVER DECODER HYBRID.
AM-HIRK
Absolute Maximum Ratings
Supply Voltage (+5Vcc to GND)..........................................-0.3 to + 6 Volts.
Storage Temperature..........................................................-30 to +85
o Celsius.
Operating Temperature....................................................... 0 to +70
o Celsius.
Technical Specification
Ambient temperature = 25
o Celsius.
Electrical Specification
Min
Typical
Max
Dimension
Note
Supply Voltage
4.5
5.0
5.5
V
Supply Current (quiescent)
6
mA
Receiver Frequency
315.0
MHz
Receiver Frequency
433.92
MHz
Working Frequency
(custom Frequencies Available)
200
450
MHz
Please contact
Sales Dept
Turn on Time
20
mSecs
-3dB Bandwidth
+/- 400
KHz
R.F Sensitivity (100% AM)
-106
dBm
Level of Emitted Spectrum
-70
-70
dBm
Data output: (any data output)
Logic Low
0
0.2
0.8
V
I out = 10mA
Logic High
3.5
3.8
5
V
I out = 10mA
Data output: (any data output)
Logic Low
-25
mA
Logic High
10
mA
EMC Compliance
Complies to ETS300-220
Part Numbering
PART No
DESCRIPTION
Compatible Transmitter encoder
Range**
(metres)
AM-HiRK-315
AM Superhet Rx Decoder
AM-110C1-315 (1 - 3 sw version)
50
AM-HiRK-433
AM Superhet Rx Decoder
AM-110C1-433 (1 - 3 sw version)
100
** Range quoted is optimum in line of sight without interference. In noisy built up areas this can be reduced
by over 50%
For more information or general enquiries, please call;
R. F. Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street,
Lewes,
E Sussex, BN8 6JL. England.
Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661.
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of
such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com