Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS064JB0BAWTY2 Datasheet(PDF) 175 Page - SPANSION

Part # S71WS064JB0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 Datasheet(HTML) 175 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 171Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 172Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 173Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 174Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 175Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 176Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 177Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 178Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 179Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 186 page
background image
August 19, 2005 S71WS-J_04_A2
S71WS-J Based MCPs
173
Prel imin ar y
1RWHV
 0D[LPXP YDOXH LVDSSOLFDEOH LI &( LVNHSW DW /RZ ZLWKRXW DQ\DGGUHVVFKDQJH
 $GGUHVVVKRXOGQRW EHFKDQJHGZLWKLQ PLQLPXPW5&
 7KHRXWSXWORDG  S)ZLWKΩ WHUPLQDWLRQ WR9'' 9
 7KHRXWSXWORDG S)ZLWKRXW DQ\RWKHUORDG
 $SSOLFDEOH ZKHQ &(  LV NHSWDW/RZ
 W5& PLQ PXVWEHVDWLVILHG
 ,I DFWXDO YDOXH RI W:+2/ LV VKRUWHU WKDQ VSHFLILHG PLQLPXP YDOXHV WKH DFWXDO W$$ RI IROORZLQJ 5HDG PD\ EHFRPH ORQJHU
E\ WKHDPRXQWRI VXEWUDFWLQJDFWXDO YDOXHIURPVSHFLILHGPLQLPXP YDOXH
 $&&KDUDFWHULVWLFVDSSO\ XQGHUUHFRPPHQGHGRSHUDWLQJ FRQGLWLRQV XQOHVV RWKHUZLVHQRWHG
Write Operation
1RWHV
 0D[LPXP YDOXH LVDSSOLFDEOH LI &( LVNHSW DW /RZ ZLWKRXW DQ\DGGUHVVFKDQJH
 0LQLPXP YDOXHPXVWEHHTXDO RUJUHDWHU WKDQWKHVXPRIZULWHSXOVH W&:W:3 RU W%: DQG ZULWH UHFRYHU\ WLPH W:5&
W:5 RUW%5 
 :ULWHSXOVHLV GHILQHGIURP+LJK WR/RZ WUDQVLWLRQRI &( :(  RU/% 8% ZKLFKHYHU RFFXUVODVW
 $SSOLFDEOH IRU E\WH PDVN RQO\ %\WH PDVN VHWXS WLPH LV GHILQHG WR WKH +LJK WR /RZ WUDQVLWLRQ RI &( RU :( ZKLFKHYHU
RFFXUV ODVW
 $SSOLFDEOH IRU E\WH PDVN RQO\ %\WH PDVN KROG WLPH LV GHILQHG IURP WKH /RZ WR +LJK WUDQVLWLRQ RI &( RU :( ZKLFKHYHU
RFFXUV ILUVW
 :ULWHUHFRYHU\ LV GHILQHGIURP /RZ WR+LJK WUDQVLWLRQ RI&(:(  RU/%8% ZKLFKHYHU RFFXUVILUVW
 ,I 2( LV /RZ DIWHU PLQLPXP W2+&/ UHDG F\FOH LV LQLWLDWHG ,Q RWKHU ZRUG 2( PXVW EH EURXJKW WR +LJK ZLWKLQ  QV DIWHU
&( LV EURXJKWWR/RZ2QFHUHDGF\FOHLV LQLWLDWHGQHZZULWHSXOVHVKRXOGEHLQSXWDIWHUPLQLPXP W5& LV PHW
 ,I 2( LV /RZ DIWHU QHZ DGGUHVV LQSXW UHDG F\FOH LV LQLWLDWHG ,Q RWKHU ZRUG 2( PXVW EH EURXJKW WR +LJK DW WKH VDPH
WLPH RU EHIRUH QHZ DGGUHVV YDOLG 2QFH UHDG F\FOH LV LQLWLDWHG QHZ ZULWH SXOVH VKRXOG EH LQSXW DIWHU PLQLPXP W5& LV PHW
 $&&KDUDFWHULVWLFVDSSO\ XQGHUUHFRPPHQGHGRSHUDWLQJ FRQGLWLRQV XQOHVV RWKHUZLVHQRWHG
:( +LJKWR 2( /RZ 7LPH IRU 5HDG  W:+2/


QV
&(  +LJK3XOVH :LGWK
W&3

²
QV
3DUDPHWHU
1RWHV
6\PERO
9DOXH
8QLW
0LQ
0D[
:ULWH&\FOH7LPH   W:&


QV
$GGUHVV6HWXS7LPH  W$6
²
QV
&( :ULWH3XOVH:LGWK  W&:

²
QV
:( :ULWH3XOVH:LGWK  W:3

²
QV
/%8% :ULWH 3XOVH:LGWK  W%:

²
QV
/%8% %\WH0DVN6HWXS 7LPH  W%6
±
²
QV
/%8% %\WH0DVN+ROG 7LPH  W%+
±
²
QV
:ULWH5HFRYHU\7LPH  W:5
²
QV
&(  +LJK3XOVH :LGWK
W&3

²
QV
:( +LJK3XOVH:LGWK
W:+3


QV
/%8% +LJK3XOVH :LGWK
W%+3


QV
'DWD 6HWXS 7LPH
W'6

²
QV
'DWD +ROG7LPH
W'+
²
QV
2( +LJKWR &(  /RZ 6HWXS 7LPH IRU :ULWH  W2+&/
±
²
QV
2( +LJKWR $GGUHVV 6HWXS7LPHIRU :ULWH  W2(6
²
QV
/%DQG 8% :ULWH3XOVH2YHUODS
W%:2

²
QV
3DUDPHWHU
1RWHV
6\PERO
9DOXH
8QLW
0LQ
0D[



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com