Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS064JB0BAWTY2 Datasheet(PDF) 176 Page - SPANSION

Part # S71WS064JB0BAWTY2
Description  Stacked Multi-Chip Product (MCP)
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS064JB0BAWTY2 Datasheet(HTML) 176 Page - SPANSION

Back Button S71WS064JB0BAWTY2 Datasheet HTML 172Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 173Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 174Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 175Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 176Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 177Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 178Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 179Page - SPANSION S71WS064JB0BAWTY2 Datasheet HTML 180Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 186 page
background image
174
S71WS-J Based MCPs
S71WS-J_04_A2 August 19, 2005
Preli m inary
Power Down Parameters
1RWH $SSOLFDEOHDOVR WRSRZHUXS
Other Timing Parameters
1RWHV
 6RPH GDWDPLJKW EH ZULWWHQ LQWR DQ\ DGGUHVVORFDWLRQ LI W&+:; PLQ LVQRW VDWLVILHG
 7KH,QSXW 7UDQVLWLRQ 7LPH W7 DW $&WHVWLQJLV QV DVVKRZQLQ EHORZ ,IDFWXDOW7 LV ORQJHU WKDQ  QV
LW PD\ YLRODWH$&VSHFLILFDWLRQ RI VRPH WLPLQJ SDUDPHWHUV
AC Test Conditions
AC Measurement Output Load Circuit
3DUDPHWHU
1RWHV
6\PERO
9DOXH
8QLW
0LQ
0D[
&( /RZ 6HWXS 7LPH IRU 3RZHU 'RZQ (QWU\
W&63

²
QV
&( /RZ +ROG 7LPH DIWHU 3RZHU 'RZQ(QWU\
W&/3

²
QV
&( +LJK +ROG 7LPHIROORZLQJ &(+LJK DIWHU 3RZHU 'RZQ([LW
>6/((3PRGHRQO\@ 6HH1RWH
W&++

²
—V
&( +LJK 6HWXS7LPHIROORZLQJ &(+LJK DIWHU 3RZHU 'RZQ([LW
W&+6
²
QV
3DUDPHWHU
1RWHV
6\PERO
9DOXH
8QLW
0LQ
0D[
&( +LJK WR2( ,QYDOLG 7LPHIRU 6WDQGE\ (QWU\
W&+2;

²
QV
&( +LJK WR:( ,QYDOLG 7LPHIRU 6WDQGE\ (QWU\  W&+:;

²
QV
&( +LJK +ROG 7LPHIROORZLQJ &(+LJK DIWHU 3RZHUXS
W&++

²
—V
,QSXW7UDQVLWLRQ7LPH  W7

QV
6\PERO
'HVFULSWLRQ
7HVW6HWXS
9DOXH
8QLW
9,+
,QSXW+LJK/HYHO
9'' 
9
9,/
,QSXW/RZ /HYHO
9'' 
9
95()
,QSXW7LPLQJ0HDVXUHPHQW/HYHO
9'' 
9
W7
,QSXW7UDQVLWLRQ7LPH
%HWZHHQ9,/ DQG9,+
QV
Device
Under
Test
VDD
Out
0.1 µF
50 pF
VSS
VDD* 0.5 V
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com