Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGY925 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY925
Description  UHF amplifier module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY925 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY925 Datasheet HTML 1Page - NXP Semiconductors BGY925 Datasheet HTML 2Page - NXP Semiconductors BGY925 Datasheet HTML 3Page - NXP Semiconductors BGY925 Datasheet HTML 4Page - NXP Semiconductors BGY925 Datasheet HTML 5Page - NXP Semiconductors BGY925 Datasheet HTML 6Page - NXP Semiconductors BGY925 Datasheet HTML 7Page - NXP Semiconductors BGY925 Datasheet HTML 8Page - NXP Semiconductors BGY925 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2000 Feb 02
4
Philips Semiconductors
Product specification
UHF amplifier module
BGY925
handbook, halfpage
010
PL (W)
Gp
(dB)
20
30
35
25
20
30
MCD830
920 MHz
940 MHz
960 MHz
Fig.2
Power gain as a function of load power;
typical values.
ZS =ZL =50 Ω; VS1 =VS2 =26V; Tmb =25 °C.
handbook, halfpage
010
PL (W)
η
(%)
20
30
60
0
20
40
MCD831
920 MHz
960 MHz
940 MHz
Fig.3
Efficiency as a function of load power;
typical values.
ZS =ZL =50 Ω; VS1 =VS2 = 26 V; Tmb =25 °C.
handbook, halfpage
20
35
25
30
MCD832
10−4
10−2
1
PL (W)
Gp
(dB)
102
920 MHz
940 MHz
960 MHz
Fig.4
Power gain as a function of load power;
typical values.
ZS =ZL =50 Ω; VS1 =VS2 =26V; Tmb =25 °C.
handbook, halfpage
0
3
1
2
MCD833
10−4
10−2
1
PL (W)
IS2
(A)
102
Fig.5
Supply current as a function of load power;
typical values.
ZS =ZL =50 Ω; VS1 =VS2 = 26 V; Tmb =25 °C;
f = 920 to 960 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com