Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1346CSA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1346CSA
Description  Two Coil Fan Motor Predriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1346CSA Datasheet(HTML) 2 Page - Anachip Corp

  AP1346CSA Datasheet HTML 1Page - Anachip Corp AP1346CSA Datasheet HTML 2Page - Anachip Corp AP1346CSA Datasheet HTML 3Page - Anachip Corp AP1346CSA Datasheet HTML 4Page - Anachip Corp AP1346CSA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AP1346/1347
Two Coil Fan Motor Predriver
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Jun 9, 2004
2/5
Block Diagram
1
2
3
4
5
6
7
8
Reg.
Hall
amp
Predriver 1
Predriver 2
Control Logic
Lock
Detection
Automatic
Restart
VCC
HS(+)
FG/RD
HS(-)
GND
CT
OUT2
OUT1
+
-
Application Circuit
VCC
HS(+)
HS(-)
Hall
element
CT
GND
D1
R1
C1
Voltage
Input
FG/RD
OUT1
OUT2
R4
AP1346/
AP1347
R2
C2
D2
R5
Q2
Q1
R6
output
V1
L1
L2
Z
11
Z
1N
Z
21
Z
2N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com