Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2550H Datasheet(PDF) 1 Page - STMicroelectronics

Part # T2550H
Description  Snubberless high temperature 25 A Triacs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2550H Datasheet(HTML) 1 Page - STMicroelectronics

  T2550H Datasheet HTML 1Page - STMicroelectronics T2550H Datasheet HTML 2Page - STMicroelectronics T2550H Datasheet HTML 3Page - STMicroelectronics T2550H Datasheet HTML 4Page - STMicroelectronics T2550H Datasheet HTML 5Page - STMicroelectronics T2550H Datasheet HTML 6Page - STMicroelectronics T2550H Datasheet HTML 7Page - STMicroelectronics T2550H Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2006
Rev 7
1/8
8
T2550H
Snubberless™ high temperature 25 A Triacs
Main features
Description
Specifically designed for use in high temperature
environment (found in hot appliances such as
cookers, ovens, hobs, electric heaters, coffee
machines...), the new 25 A T2550H triacs provide
an enhanced performance in terms of power loss
and thermal dissipation. This allows for
optimization of the heatsinking dimensioning,
leading to space and cost effectivness when
compared to electro-mechanical solutions.
Based on ST snubberless technology, they offer
high commutation switching capabilities and high
noise immunity levels. And, thanks to their clip
assembly technique, they provide a superior
performance in surge current handling.
Order code
Symbol
Value
Unit
IT(RMS)
25
A
VDRM/VRRM
600
V
IGT (Q
1)
50
mA
Part Number
Marking
T2550H-600TRG
T2550H600T
A2
A1
G
G
A2
A2
A1
T0-220AB
T2550H-600TRG
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 125°C
25
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
250
A
F = 60 Hz
t = 16.7 ms
260
I²tI²t Value for fusing
tp = 10 ms
340
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 150°C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
700
V
IGM
Peak gate current
tp = 20 µs
Tj = 150°C
4
A
PG(AV)
Average gate power dissipation
Tj = 150°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 150
°C
www.st.com


Similar Part No. - T2550H

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
25A TRIACS
T2550H-600TRG KERSEMI-T2550H-600TRG Datasheet
498Kb / 5P
25A TRIACS
More results

Similar Description - T2550H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
BTA24 STMICROELECTRONICS-BTA24_07 Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
25 A standard and Snubberless™ triacs
05-Jul-2007
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
25 A standard and Snubberless??triacs
05-Jul-2007
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com