Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841402I Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS841402I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841402I Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS841402I Datasheet HTML 1Page - Renesas Technology Corp ICS841402I Datasheet HTML 2Page - Renesas Technology Corp ICS841402I Datasheet HTML 3Page - Renesas Technology Corp ICS841402I Datasheet HTML 4Page - Renesas Technology Corp ICS841402I Datasheet HTML 5Page - Renesas Technology Corp ICS841402I Datasheet HTML 6Page - Renesas Technology Corp ICS841402I Datasheet HTML 7Page - Renesas Technology Corp ICS841402I Datasheet HTML 8Page - Renesas Technology Corp ICS841402I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ICS841402I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841402DKI REVISION A NOVEMBER 7, 2012
4
©2012 Integrated Device Technology, Inc.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
XTAL_IN
Other Inputs
0V to VDD
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDD + 0.5V
Package Thermal Impedance,
JA
37.0
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.16
3.3
VDD
V
IDD
Power Supply Current
Outputs unterminated
156
mA
IDDA
Analog Supply Current
Outputs unterminated
16
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.5
V
IIH
Input High
Current
REF_IN, REF_SEL,
BYPASS, SSM,
F_SEL0, MR/nOE,
OE_REFOUT
VDD = VIN = 3.465V
150
µA
F_SEL1
VDD = VIN = 3.465V
5
µA
IIL
Input Low
Current
REF_IN, REF_SEL,
BYPASS, SSM,
F_SEL0, MR/nOE,
OE_REFOUT
VDD = 3.465V, VIN = 0V
-5
µA
F_SEL1
VDD = 3.465V, VIN = 0V
-150
µA
VOH
Output High
Voltage
REF_OUT
IOH = -12mA
2.6
V
VOL
Output Low
Voltage
REF_OUT
IOL = 12mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com