Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841484I Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ICS841484I
Description  FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841484I Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ICS841484I Datasheet HTML 16Page - Renesas Technology Corp ICS841484I Datasheet HTML 17Page - Renesas Technology Corp ICS841484I Datasheet HTML 18Page - Renesas Technology Corp ICS841484I Datasheet HTML 19Page - Renesas Technology Corp ICS841484I Datasheet HTML 20Page - Renesas Technology Corp ICS841484I Datasheet HTML 21Page - Renesas Technology Corp ICS841484I Datasheet HTML 22Page - Renesas Technology Corp ICS841484I Datasheet HTML 23Page - Renesas Technology Corp ICS841484I Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ICS841484I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-0.7V DIFFERENTIAL HCSL CLOCK GENERATOR
ICS841484DKI REVISION A NOVEMBER 7, 2012
20
©2012 Integrated Device Technology, Inc.
Figure 5. ICS841484I Schematic Example
C3
10u
C9
0.1u
nQ0
VDD
Zo = 50
R4
10
Q0
Zo = 50
Zo = 50
( U1:4)
R11
50
XTAL_OUT
C7
0.1u
VDD
R9 0-33
R12
50
(U1: 29)
VDD=3.3V
Set Logic
Input to
'0'
RD1
Not Install
BLM18BB221SN1
Ferrite Bead
1
2
MR/nOE
Zo = 50
HCSL Termination
nQ0
C5
0.1uF
Q3
C8
0.1u
C10
0.1u
R7
50
RU2
Not Install
REF_IN
Set Logic
Input to
'1'
VDD
FSEL1
XTAL_IN
3.3V
(U1:1 4)
LVCMOS
OE_REFOUT
nQ3
Optional
VDDA
R5
33
Recommended for PCI
Express Add-InCard
RD2
1K
Zo = 50 Ohm
1 8 p F
R3
475
VDD
R6
33
HCSL Optional
Termination
Recommendedfor PCI
Express Point-to-Point
Connection
C2
22pF
VDD
C4
0.1u
(U1:24)
R8
50
To Logic
Input
pins
RU1
1K
Logic Control Input Examples
+
-
To Logic
Input
pins
Zo = 50
U1
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
XTAL_IN
XTAL_OUT
MR/nOE
VDD
Q0
nQ0
Q1
nQ1
nc
nc
GND
OE_REFOUT
REF_OUT
FSEL0
FSEL1
VDD
REF_OUT
+
-
Ro ~ 7 Ohm
Q1
Driver_LVCMOS
R10 0-33
X1
25MHz
VDD
C1
22pF
FSEL0
Q0
C6
10uF
R1
43
R2
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com