Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS844251I-14 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS844251I-14
Description  FemtoClock™ Crystal-to-LVDS Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844251I-14 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS844251I-14 Datasheet HTML 1Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 2Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 3Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 4Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 5Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 6Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 7Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 8Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
ICS844251BGI-14 REVISION A June 6, 2016
1
©2016 Integrated Device Technology, Inc.
FemtoClock™ Crystal-to-LVDS
Clock Generator
ICS844251I-14
General Description
The ICS844251I-14 is an Ethernet Clock Generator.
The ICS844251I-14 uses an 18pF parallel resonant
crystal over the range of 23.2MHz – 30MHz. For
Ethernet applications, a 25MHz crystal is used. The
device has excellent <1ps phase jitter performance,
over the 1.875MHz – 20MHz integration range. The ICS844251I-14
is packaged in a small 8-pin TSSOP, making it ideal for use in
systems with limited board space.
Features
• One differential LVDS output pair
• Crystal oscillator interface designed for an 18pF, parallel resonant
crystal (23.2MHz – 30MHz)
• Output frequency ranges: 145MHz – 187.5MHz and
580MHz – 750MHz
• VCO range: 580MHz – 750MHz
• RMS phase jitter at 156.25MHz, using a 25MHz crystal
(1.875MHz – 20MHz): 0.53ps (typical)
• Full 2.5V output supply mode
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8T49N242
Common Configuration Table
HiPerClockS™
ICS
Inputs
Output Frequency Range
(MHz)
Crystal Frequency (MHz)
FREQ_SEL
M
N
Multiplication Value M/N
25
1
25
1
25
625
26.67
1
25
1
25
666.67
25 (default)
0
25
4
6.25
156.25
1
2
3
4
8
7
6
5
VDDA
GND
XTAL_OUT
XTAL_IN
VDD
Q
nQ
FREQ_SEL
ICS844251I-14
8 Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
OSC
Phase
Detector
VCO
580MHz - 750MHz
M = ÷25 (fixed)
FREQ_SEL
N
0 (default)
÷4
1
÷1
Pulldown
XTAL_IN
XTAL_OUT
FREQ_SEL
Q
nQ
Block Diagram
Pin Assignment
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES MAY 6, 2017


Similar Part No. - ICS844251I-14

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
REV. A NOVEMBER 23, 2005
logo
Renesas Technology Corp
ICS844251I-15 RENESAS-ICS844251I-15 Datasheet
1Mb / 14P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
More results

Similar Description - ICS844251I-14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844251-14 IDT-ICS844251-14 Datasheet
805Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-LVDS CLOCK GENERATOR
844008I-46 IDT-844008I-46 Datasheet
295Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
844201 IDT-844201 Datasheet
541Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
ICS844201I-45 IDT-ICS844201I-45 Datasheet
302Kb / 16P
FemtoClock Crystal-to-LVDS Clock Generator
844021-01 IDT-844021-01 Datasheet
247Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844021I-01 IDT-844021I-01 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
844071 IDT-844071 Datasheet
246Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
ICS844011 IDT-ICS844011 Datasheet
1,018Kb / 14P
FemtoClock Crystal-to-LVDS Clock Generator
logo
Renesas Technology Corp
ICS844251-15 RENESAS-ICS844251-15 Datasheet
1Mb / 16P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
ICS844251I-15 RENESAS-ICS844251I-15 Datasheet
1Mb / 14P
FemtoClock™ Crystal-to-LVDS Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com