Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91720 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS91720
Description  Low EMI, Spread Modulating, Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS91720 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS91720 Datasheet HTML 4Page - Renesas Technology Corp ICS91720 Datasheet HTML 5Page - Renesas Technology Corp ICS91720 Datasheet HTML 6Page - Renesas Technology Corp ICS91720 Datasheet HTML 7Page - Renesas Technology Corp ICS91720 Datasheet HTML 8Page - Renesas Technology Corp ICS91720 Datasheet HTML 9Page - Renesas Technology Corp ICS91720 Datasheet HTML 10Page - Renesas Technology Corp ICS91720 Datasheet HTML 11Page - Renesas Technology Corp ICS91720 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS91720
0698D—10/05/04
8-pin TSSOP
Ordering Information
ICS91720yGLF-T
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MIN
MAX
MIN
MAX
A
--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.19
0.30
.007
.012
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
8
2.90
3.10
.114
.122
10-0035
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
0.65 BASIC
0.0256 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
4.40 mm. Body, 0.65 mm. Pitch TSSOP
(173 mil)
(25.6 mil)
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
Example:
Designation for tape and reel packaging
Lead Free (Optional)
Package Type
G = TSSOP
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y G LF- T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com