Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-18 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS9250-18
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9250-18 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS9250-18 Datasheet HTML 5Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 6Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 7Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 8Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 9Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 10Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 11Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 12Page - Renesas Technology Corp ICS9250-18 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
ICS9250-18
Third party brands and names are the property of their respective owners.
0387C—09/08/05
CPU_STOP# Timing Diagram
CPUSTOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPUCLKs for low power operation.
CPU_STOP# is synchronized by the ICS9250-18. All other clocks will continue to run while the CPUCLKs are disabled.
The CPUCLKs will always be stopped in a low state and start in such a manner that guarantees the high pulse width
is a full pulse. CPUCLK on latency is less than 4 CPUCLKs and CPUCLK off latency is less than 4 CPUCLKs.
Notes:
1. All timing is referenced to the internal CPUCLK.
2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to
the CPUCLKs inside the ICS9250-18.
3. IOAPIC output is stopped Glitch Free by CPUSTOP# going low.
4. PCI_STOP# is shown in a high (true) state.
5. All other clocks continue to run undisturbed.
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the device.)
2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized
inside the device.
3. All other clocks continue to run undisturbed.
4. CPU_STOP# is shown in a high (true) state.
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9250-18. It is used to turn off the PCICLK (0:5) clocks for low power
operation. PCI_STOP# is synchronized by the ICS9250-18 internally. PCICLK (0:5) clocks are stopped in a low state
and started with a full high pulse width guaranteed. PCICLK (0:5) clock on latency cycles are only one rising PCICLK
clock off latency is one PCICLK clock.
PCICLK (0:5)
IOAPIC0
SDRAM(0:15)
CPUCLK (1:2)
SDRAM_F
CPUCLK_F
PCI_STOP# (High)
CPU_STOP#
INTERNAL
CPUCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com