Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94201 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS94201
Description  Programmable System Frequency Generator for PII/III™
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94201 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS94201 Datasheet HTML 1Page - Renesas Technology Corp ICS94201 Datasheet HTML 2Page - Renesas Technology Corp ICS94201 Datasheet HTML 3Page - Renesas Technology Corp ICS94201 Datasheet HTML 4Page - Renesas Technology Corp ICS94201 Datasheet HTML 5Page - Renesas Technology Corp ICS94201 Datasheet HTML 6Page - Renesas Technology Corp ICS94201 Datasheet HTML 7Page - Renesas Technology Corp ICS94201 Datasheet HTML 8Page - Renesas Technology Corp ICS94201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS94201
0428B- 11/28/05
Pin Configuration
Recommended Application:
810/810E and Solano (815) type chipset
Output Features:
2 - CPUs @ 2.5V
13 - SDRAM @ 3.3V
3 - 3V66 @ 3.3V
8 - PCI @3.3V
1 - 24/48MHz@ 3.3V
1 - 48MHz @ 3.3V fixed
1 - REF @3.3V, 14.318MHz
Features:
Programmable ouput frequency.
Programmable ouput rise/fall time for PCI
and SDRAM clocks.
Programmable 3V66 to PCI skew.
Spread spectrum for EMI control
with programmable spread percentage.
Watchdog timer technology to reset system
if over-clocking causes malfunction.
Support power management through PD#.
Uses external 14.318MHz crystal.
FS pins for frequency select
Key Specifications:
CPU Output Jitter: <250ps
IOAPIC Output Jitter: <500ps
48MHz, 3V66, PCI Output Jitter: <500ps
CPU Output Skew: <175ps
PCI Output Skew: <500ps
3V66 Output Skew <175ps
For group skew timing, please refer to the
Group Timing Relationship Table.
Programmable System Frequency Generator for PII/III™
56-Pin 300 mil SSOP
1. These pins will have 1.5 to 2X drive strength.
* 120K ohm pull-up to VDD on indicated inputs.
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK [1:0]
2
12
8
3
SDRAM [11:0]
IOAPIC
PCICLK [7:0]
SDRAM_F
3V66 [2:0]
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS[4:0]
PD#
SEL24_48#
SDATA
SCLK
Control
Logic
Config.
Reg.
/ 2
REF0
Block Diagram
VDDREF
X1
X2
GNDREF
GND3V66
3V66-1
3V66-2
VDD3V66
VDDPCI
*(FS0)PCICLK0
*(FS1)PCICLK1
*(SEL24_48#)PCICLK2
GNDPCI
PCICLK3
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GNDPCI
PD#
SCLK
SDATA
VDDSDR
SDRAM11
SDRAM10
GNDSDR
3V66-0
1
1
1
REF0(FS4)*
VDDLAPIC
IOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
GNDLCPU
GNDSDR
SDRAM0
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
SDRAM5
GNDSDR
SDRAM6
SDRAM7
SDRAM_F
VDDSDR
GND48
24_48MHz(FS2)*
48MHz(FS3)*
VDD48
VDDSDR
SDRAM8
SDRAM9
GNDSDR
1
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


Similar Part No. - ICS94201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
More results

Similar Description - ICS94201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS94211 RENESAS-ICS94211 Datasheet
355Kb / 18P
Programmable System Frequency Generator for PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com