Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94211 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS94211
Description  Programmable System Frequency Generator for PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94211 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS94211 Datasheet HTML 1Page - Renesas Technology Corp ICS94211 Datasheet HTML 2Page - Renesas Technology Corp ICS94211 Datasheet HTML 3Page - Renesas Technology Corp ICS94211 Datasheet HTML 4Page - Renesas Technology Corp ICS94211 Datasheet HTML 5Page - Renesas Technology Corp ICS94211 Datasheet HTML 6Page - Renesas Technology Corp ICS94211 Datasheet HTML 7Page - Renesas Technology Corp ICS94211 Datasheet HTML 8Page - Renesas Technology Corp ICS94211 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS94211
0441F—08/24/05
Pin Configuration
Recommended Application:
440BX/VIA Apollo Pro133/ ALI 1631 style chipset.
Output Features:
•
2 - CPUs @2.5V
•
1 - IOAPIC @ 2.5V
•
13 - SDRAM @ 3.3V
•
6 - PCI @3.3V,
•
1 - 48MHz, @3.3V
•
1 - 24MHz @ 3.3V
•
2 - REF @3.3V, 14.318MHz.
Features:
•
Programmable ouput frequency.
•
Programmable ouput rise/fall time.
•
Programmable PCICLK, PCICLK_F,
SDRAM skew.
•
Real time system reset output
•
Spread spectrum for EMI control typically by 7dB to
8dB,
with programmable spread percentage.
•
Watchdog timer technology to reset system
if over-clocking causes malfunction.
•
Uses external 14.318MHz crystal.
•
FS pins for frequency select
Key Specifications:
•
CPU – CPU: <175ps
•
SDRAM - SDRAM: <500ps
•
PCI – PCI: <500ps
•
CPU(early)-PCI: Min=1.0ns, Typ=2.0ns, Max=4.0ns
Programmable System Frequency Generator for PII/III™
Block Diagram
48-Pin 300mil SSOP
*
Internal Pull-up Resistor of 120K to VDD
** Internal Pull-down resistor of 120K to GND
Functionality
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
0000
0
0
.
0
80
0
.
0
4
000
1
0
0
.
5
70
5
.
7
3
00
1
0
1
3
.
3
85
6
.
1
4
00
11
2
8
.
6
61
4
.
3
3
01
0
0
0
0
.
3
0
13
3
.
4
3
01
01
1
0
.
2
1
14
3
.
7
3
01
1
0
1
0
.
8
61
0
.
4
3
0
111
3
2
.
0
0
11
4
.
3
3
1
000
0
0
.
0
2
10
0
.
0
4
10
0
1
9
9
.
4
1
13
3
.
8
3
10
10
9
9
.
9
0
16
6
.
6
3
10
1
1
0
0
.
5
0
10
0
.
5
3
11
00
0
0
.
0
4
10
0
.
5
3
11
0
1
0
0
.
0
5
10
5
.
7
3
111
0
0
0
.
4
2
10
0
.
1
3
1111
9
9
.
2
3
15
2
.
3
3
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
24MHz
IOAPIC
CPUCLK (1:0)
RESET#
SDRAM (12:0)
PCICLK (4:0)
PCICLK_F
X1
X2
BUFFER IN
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
SDATA
SCLK
FS(3:0)
MODE
Control
Logic
Config.
Reg.
/2
REF(1:0)
2
2
13
5
4
VDDREF
*PCI_STOP/REF0
GND
X1
X2
VDDPCI
*MODE/PCICLK_F
**FS3/PCICLK0
GND
PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDPCI
BUFFER_IN
GND
SDRAM12_F
SDRAM11
VDDSDR
SDRAM10
SDRAM9
GND
SDATA
SCLK
VDDLAPIC
IOAPIC
REF1/FS2*
GND
CPUCLK0
CPUCLK1
VDDLCPU
RESET#
SDRAM0
GND
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
GND
SDRAM5
SDRAM6
VDDSDR
SDRAM7
SDRAM8
VDD48
48MHz/FS0*
24MHz/FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Similar Part No. - ICS94211

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94211YF-T ICST-ICS94211YF-T Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
More results

Similar Description - ICS94211

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS94203 ICST-ICS94203 Datasheet
183Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 02/13/01
ICS94206 ICST-ICS94206 Datasheet
189Kb / 18P
Programmable System Frequency Generator for PII/III?
Rev B 04/26/01
ICS94211 ICST-ICS94211 Datasheet
359Kb / 16P
Programmable System Frequency Generator for PII/III?
Rev A 03/28/01
logo
List of Unclassifed Man...
ICS94222 ETC-ICS94222 Datasheet
419Kb / 19P
Programmable System Frequency Generator for PII/III?
logo
Integrated Device Techn...
ICS94211AFLF IDT-ICS94211AFLF Datasheet
170Kb / 17P
Programmable System Frequency Generator for PII/III?
logo
Integrated Circuit Syst...
ICS94201 ICST-ICS94201 Datasheet
358Kb / 18P
Programmable System Frequency Generator for PII/III?
logo
Renesas Technology Corp
ICS9248-87 RENESAS-ICS9248-87 Datasheet
366Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
10/27/00
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
ICS94201 RENESAS-ICS94201 Datasheet
519Kb / 20P
Programmable System Frequency Generator for PII/III™
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com