Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72WS256PD0 Datasheet(PDF) 12 Page - SPANSION

Part # S72WS256PD0
Description  based MCP/PoP Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS256PD0 Datasheet(HTML) 12 Page - SPANSION

Back Button S72WS256PD0 Datasheet HTML 8Page - SPANSION S72WS256PD0 Datasheet HTML 9Page - SPANSION S72WS256PD0 Datasheet HTML 10Page - SPANSION S72WS256PD0 Datasheet HTML 11Page - SPANSION S72WS256PD0 Datasheet HTML 12Page - SPANSION S72WS256PD0 Datasheet HTML 13Page - SPANSION S72WS256PD0 Datasheet HTML 14Page - SPANSION S72WS256PD0 Datasheet HTML 15Page - SPANSION S72WS256PD0 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
10
S72WS-P based MCP/PoP Products
S72WS-P_00_A4 May 29, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
4.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S and packing type designator from ordering part number.
K
A
11x11 mm
112
0.45 mm
B
11x11 mm
112
0.50 mm
D
12x12 mm
128
0.45 mm
F
12x12 mm
128
0.50 mm
G
14x14 mm
152
0.45 mm
H
14x14 mm
152
0.50 mm
J
15x15 mm
160
0.45 mm
K
15x15 mm
160
0.50 mm
L
17x17 mm
192
0.45 mm
M
17x17 mm
192
0.50 mm
Table 4.1 Character Position Descriptions (Sheet 2 of 2)
Character 12
Character 13
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
S72WS-P Valid Combinations
NOR Flash
Speed
DRAM
Supplier
DRAM Speed
Package Type
Package
Markings
Base Ordering
Number
Package &
Material Set
Package
Descriptor
Packing Type
S72WS256PD0
KF
K
0, 2, 3 (Note 1)
66 MHz
Type 5
133 MHz
15x15 mm
(PoP)
(Note 2)
HF
6
9x12 mm
(MCP)
S72WS512PE0
HF
6
80 MHz
Type 2
104 MHz
9x12 mm
(MCP)
S72WS512PEF
KF
K
66 MHz
Type 2
133 MHz
15x15 mm
(PoP)
S72WS512PFF
HF
6
66 MHz
Type 1
133 MHz
15x15 mm
(PoP)
JF
9
66 MHz
Type 1
11x13 mm
(MCP)
80 MHz
Type 5
KF
K
66 MHz
Type 1
15x15 mm
(PoP)
80 MHz
Type 5
S72WS512PFG
JF
9
66 MHz
Type 1
133 MHz
11x13 mm
(MCP)
KF
K
15x15 mm
(PoP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com