Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPC40K Datasheet(PDF) 3 Page - International Rectifier

Part # IRGPC40K
Description  INSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated UltraFast IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40K Datasheet(HTML) 3 Page - International Rectifier

  IRGPC40K Datasheet HTML 1Page - International Rectifier IRGPC40K Datasheet HTML 2Page - International Rectifier IRGPC40K Datasheet HTML 3Page - International Rectifier IRGPC40K Datasheet HTML 4Page - International Rectifier IRGPC40K Datasheet HTML 5Page - International Rectifier IRGPC40K Datasheet HTML 6Page - International Rectifier IRGPC40K Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGPC40K
0.1
1
10
100
0.1
1
1 0
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
1000
5
1 01 52 0
GE
T = 25°C
T = 150°C
J
J
V
= 100V
5µs PULSE WIDTH
CC
V
, Gate-to-Emitter Voltage (V)
A
0
10
20
30
40
50
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60% of rated
voltage
Ideal diodes
Square wave:
Triangular wave:
Clamp voltage:
80% of rated
For both:
Duty cycle: 50%
T = 125°C
T
= 90°C
Gate drive as specified
sink
J
Power Dissipation = 35W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com