Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFPRG4 Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-MSPS Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 16Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 17Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 18Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 19Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 20Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 21Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 22Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 23Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ti.com
CLK
ADS5463
CLK
SquareWaveor
SineWave
0.01 F
m
0.01 F
m
S0168-05
CLK
ADS5463
CLK
0.1
F
m
Clock
Source
S0194-02
Digital Outputs
ADS5463
SLAS515 – NOVEMBER 2006
Application Information (continued)
Figure 39. Single-Ended Clock
Figure 40. Differential Clock
For jitter-sensitive applications, the use of a differential clock has some advantages (as with any other ADC) at
the system level. The differential clock allows for common-mode noise rejection at the PCB level. With a
differential clock, the signal-to-noise ratio of the ADC is better for high intermediate frequency applications
because the board clock jitter is superior.
A differential clock also allows for the use of bigger clock amplitudes without exceeding the absolute maximum
ratings. In the case of a sinusoidal clock, this results in higher slew rates and reduces the impact of clock noise
on jitter. Figure 40 shows this approach. See Clocking High Speed Data Converters (SLYT075) for more details.
The common-mode voltage of the clock inputs is set internally to 2.4 V using internal 1-k
Ω resistors. It is
recommended to use ac coupling, but if this scheme is not possible due to, for instance, asynchronous clocking,
the ADS5463 features good tolerance to clock common-mode variation (see Figure 24 and Figure 25).
Additionally, the internal ADC core uses both edges of the clock for the conversion process. Ideally, a 50%
duty-cycle clock signal should be provided.
The ADC provides 12 data outputs (D11 to D0, with D11 being the MSB and D0 the LSB), a data-ready signal
(DRY), and an overrange indicator (OVR) that equals a logic high when the output reaches the full-scale limits.
The output format is offset binary. It is recommended to use the DRY signal to capture the output data of the
ADS5463. DRY is source-synchronous to the DATA/OVR bits and operates at the same frequency, creating a
half-rate DDR interface that updates data on both the rising and falling edges of DRY. The ADS5463 digital
outputs are LVDS-compatible. Due to the high data rates, care should be taken not to overload the digital
outputs with too much capacitance, which shortens the data-valid timing window. The values given for timing
were obtained with a measured 14-pF parasitic board capacitance to ground on each LVDS line (or 7-pF
differential parasitic capacitance).
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com