Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM9948 Datasheet(PDF) 1 Page - Microchip Technology

Part # UM9948
Description  Product Change Notification
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UM9948 Datasheet(HTML) 1 Page - Microchip Technology

  UM9948 Datasheet HTML 1Page - Microchip Technology UM9948 Datasheet HTML 2Page - Microchip Technology UM9948 Datasheet HTML 3Page - Microchip Technology UM9948 Datasheet HTML 4Page - Microchip Technology UM9948 Datasheet HTML 5Page - Microchip Technology UM9948 Datasheet HTML 6Page - Microchip Technology UM9948 Datasheet HTML 7Page - Microchip Technology UM9948 Datasheet HTML 8Page - Microchip Technology UM9948 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 221 page
background image
Page 1 of 4
Product Change Notification / RMES-30TIGH578
Date:
03-Jul-2020
PCN Type:
Manufacturing Change
Notification Subject:
CCB 4310 Final Notice: Implement Microchip Label, Packing Changes, Part Aging Policy, Recertification
and Combination rules for selected Microsemi Chip-Scale Atomic Clocks (CSAC) and Radio Frequency
Diode Solutions (RFDS) products.
Notification Text:
PCN Status: Final notification
PCN Type: Manufacturing Change
Microchip Parts Affected: Please open the attachments found in the attachments field below labeled as
PCN_#_Affected_CPN.
Note 1: For your convenience Microchip includes identical files in two formats (.pdf and .xls).Note 2: As part of the
integration process additional products may be identified that were not part of the original list.
Description of Change: Implement Microchip Label, Packing Changes, Part Aging Policy, Recertification and Combination
rules for selected Microsemi Chip-Scale Atomic Clocks (CSAC) and Radio Frequency Diode Solutions (RFDS) products.
Pre Change:Using Microsemi’s packing process
Post Change:Using Microchip’s packing process
Pre and Post Change Summary: NOTE: See attached Packing Pre and Post Changes for the changes of the following.
PRE CHANGE (Microsemi)
POST CHANGE (Microchip)
Reel/Bag/Inner/ Outer
Shipping Label
(For CSAC and RFDS
Microsemi branded labels
Microchip branded labels


Similar Part No. - UM9948

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM9926 UNITPOWER-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
UM9926 VBSEMI-UM9926 Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Microsemi Corporation
UM9989 MICROSEMI-UM9989 Datasheet
233Kb / 6P
FAST MRI PROTECTION DIODES
UM9989 MICROSEMI-UM9989 Datasheet
119Kb / 4P
FAST MRI PROTECTION DIODES
More results

Similar Description - UM9948

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
Product Change Notification
October 20, 2005
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
Product Change Notification
March 08, 2006
322400B00000G AAVID-322400B00000G Datasheet
38Kb / 2P
Product Change Notification
October 21, 2005
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
Product Change Notification
March 09, 2006
4880SG AAVID-4880SG Datasheet
38Kb / 2P
Product Change Notification
November 15, 2005
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
Product Change Notification
March 24, 2006
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
Product Change Notification
March 24, 2006
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
Product Change Notification
March 24, 2006
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
Product Change Notification
: March 24, 2006
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
Product Change Notification
March 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com