| Electronic Components Datasheet Search |
|
AM26LS32AX Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS32AX Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 36 page ![]() 100 k 100 k 8.3 k 85 20 k 960 960 Copyright © 2016, Texas Instruments Incorporated 10% 90% 10% 90% 0 3 V 10% 10% 90% 90% 1.3 V1.3 V 1.3 V 1.3 V 3 V 0 tPZL 1.3 V S1 Closed S2 Open S1 Closed S2 Closed VOL 0.5 V tPLZ Output Enable G Enable G ≤5 ns ≤5 ns ≈1.4 V 10 AM26LS32AC, AM26LS32AI, AM26LS32AM AM26LS33AC, AM26LS33AM SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016 www.ti.com Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM Submit Documentation Feedback Copyright © 1980–2016, Texas Instruments Incorporated Parameter Measurement Information (continued) A. CL includes probe and jig capacitance. B. All diodes are 1N3064 or equivalent. C. Enable G is tested with G high, G is tested with G low. Figure 14. Voltage Waveforms For tPLZ, tPZL Figure 15. Schematics of Inputs and Outputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |