Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM5W27Q Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DM5W27Q
Description  3600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DM5W27Q Datasheet(HTML) 5 Page - Diodes Incorporated

  DM5W27Q Datasheet HTML 1Page - Diodes Incorporated DM5W27Q Datasheet HTML 2Page - Diodes Incorporated DM5W27Q Datasheet HTML 3Page - Diodes Incorporated DM5W27Q Datasheet HTML 4Page - Diodes Incorporated DM5W27Q Datasheet HTML 5Page - Diodes Incorporated DM5W27Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DM5W27Q
Document number: DS41565 Rev. 6 - 2
5 of 6
www.diodes.com
February 2022
© Diodes Incorporated
DM5W27Q
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
DO-218 (Type E)
DO-218
(Type E)
Dim
Min
Max
Typ
A
4.70
5.70
--
A1
4.70
5.25
5.00
A2
3.45
4.26
3.95
A3
1.70
2.50
2.00
A4
2.58
3.55
3.10
b
2.30
3.00
--
c
0.45
0.90
--
D
13.20
13.80
13.50
D1
8.70
9.30
9.00
D2
9.70
10.30
10.00
E
8.20
8.80
8.50
E1
9.50
10.50
--
H
15.00
16.00
15.50
L
1.50
2.50
2.00
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
DO-218 (Type E)
Dimensions
Value
(in mm)
G
3.30
X
3.50
X1
11.00
Y
3.00
Y1
9.50
Y2
15.80
D2
D1
E
D
H
b
A
L
E1
c
A3
A4
A1
A2
X1
X
Y
G
Y1
Y2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com