Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMC Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # JMC
Description  JMC CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

JMC Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  JMC Datasheet HTML 1Page - JST Mfg. Co., Ltd. JMC Datasheet HTML 2Page - JST Mfg. Co., Ltd. JMC Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
JMC CONNECTOR
Material and Finish
Contact: Phosphor bronze, nickel-undercoated, gold-plated (nickel-stripe)
Housing: PA 6T, UL94V-0
Solder tab: Brass, tin-plated (reflow treatment)
Side entry type
Circuits
Model No.
20
24
30
34
40
50
60
20
24
30
34
40
46
50
60
Without
boss
With
boss
20PS-JMCS-G-1-TF(N)
24PS-JMCS-G-1-TF(N)
30PS-JMCS-G-1-TF(N)
34PS-JMCS-G-1-TF(N)
40PS-JMCS-G-1-TF(N)
50PS-JMCS-G-1-TF(N)
60PS-JMCS-G-1-TF(N)
20PS-JMCS-G-1B-TF(N)
24PS-JMCS-G-1B-TF(N)
30PS-JMCS-G-1B-TF(N)
34PS-JMCS-G-1B-TF(N)
40PS-JMCS-G-1B-TF(N)
46PS-JMCS-G-1B-TF(N)
50PS-JMCS-G-1B-TF(N)
60PS-JMCS-G-1B-TF(N)
Dimensions (mm)
AB
4.5
5.5
7.0
8.0
9.5
12.0
14.5
4.5
5.5
7.0
8.0
9.5
11.0
12.0
14.5
7.9
8.9
10.4
11.4
12.9
15.4
17.9
7.9
8.9
10.4
11.4
12.9
14.4
15.4
17.9
C
5.4
6.4
7.9
8.9
10.4
12.9
15.4
5.4
6.4
7.9
8.9
10.4
11.9
12.9
15.4
D
―
―
―
―
―
―
―
5.55
6.55
8.05
9.05
10.55
12.05
13.05
15.55
Q'ty/
reel
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. As for the overall gold plated product, "(N)" is not given to the end of model No.
0.5
A
3.3
0.5
0.5
B
D
C
0.18
0.5±0.1
A
2.5
2.2
5.1
0.25
0.25
C
D
B
0.18
φ0.5
BC
Q'ty/
reel
4.8
5.8
6.3
7.3
8.8
9.8
11.3
12.8
13.8
16.3
3.9
4.9
5.4
6.4
7.9
8.9
10.4
11.9
12.9
15.4
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
D
4.2
5.2
5.7
6.7
8.2
9.2
10.7
12.2
13.2
15.7
Circuits
Dimensions (mm)
14
18
20
24
30
34
40
46
50
60
A
3.0
4.0
4.5
5.5
7.0
8.0
9.5
11.0
12.0
14.5
Model No.
With boss
Without boss
14R-JMCS-G-TF
(NSA)
18R-JMCS-G-TF
(NSA)
20R-JMCS-G-TF
(NSA)
24R-JMCS-G-TF
(NSA)
30R-JMCS-G-TF
(NSA)
34R-JMCS-G-TF
(NSA)
40R-JMCS-G-TF
(NSA)
46R-JMCS-G-TF
(NSA)
50R-JMCS-G-TF
(NSA)
60R-JMCS-G-TF
(NSA)
14R-JMCS-G-B-TF
(NSA)
―
20R-JMCS-G-B-TF
(NSA)
24R-JMCS-G-B-TF
(NSA)
30R-JMCS-G-B-TF
(NSA)
34R-JMCS-G-B-TF
(NSA)
40R-JMCS-G-B-TF
(NSA)
46R-JMCS-G-B-TF
(NSA)
50R-JMCS-G-B-TF
(NSA)
60R-JMCS-G-B-TF
(NSA)
Material and Finish
Contact: Phosphor bronze, nickel-undercoated, gold-plated (nickel-stripe)
Housing: PA 6T, UL94V-0
BC
Q'ty/
reel
8.0
10.5
13.0
14.0
15.5
18.0
19.0
5.4
7.9
10.4
11.4
12.9
15.4
16.4
1,000
1,000
1,000
1,000
1,000
1,000
1,000
D
6.75
9.25
11.75
12.75
14.25
16.75
17.75
Circuits
Dimensions (mm)
20
30
40
44
50
60
64
A
4.5
7.0
9.5
10.5
12.0
14.5
15.5
Model No.
With boss
Without boss
20RF-JMCS-G-1-TF(N)
30RF-JMCS-G-1-TF(N)
40RF-JMCS-G-1-TF(N)
―
50RF-JMCS-G-1-TF(N)
60RF-JMCS-G-1-TF(N)
―
20RF-JMCS-G-1B-TF(N)
30RF-JMCS-G-1B-TF(N)
40RF-JMCS-G-1B-TF(N)
44RF-JMCS-G-1B-TF(N)
50RF-JMCS-G-1B-TF(N)
60RF-JMCS-G-1B-TF(N)
64RF-JMCS-G-1B-TF(N)
Material and Finish
Contact: Phosphor bronze, nickel-undercoated, gold-plated (nickel-stripe)
Housing: PA 6T, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Absorption misalignment type
RoHS compliance
Note: 1. The products listed above are supplied on embossed-tape.
2. As for the overall gold plated product, "(S)" instead of "(NSA)" shall
be given to the end of model No.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. Not CSA approved.
Absorption misalignment type
Plug
Receptacle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com